PART |
Description |
Maker |
S29GL032N11TAIV13 2N11FAIV22 S29GL032N70BAI43 S29G |
64 Megabit, 32 Megabit 3.0-Volt only Page Mode Flash Memory Featuring 110 nm MirrorBit Process Technology 2M X 16 FLASH 3V PROM, 110 ns, PDSO56 2M X 16 FLASH 3V PROM, 70 ns, PBGA48 2M X 16 FLASH 3V PROM, 70 ns, PBGA64 2M X 16 FLASH 3V PROM, 90 ns, PDSO48 4M X 16 FLASH 3V PROM, 70 ns, PBGA48 4M X 16 FLASH 3V PROM, 90 ns, PBGA48
|
Spansion, Inc. SPANSION LLC
|
PC28F256J3D-95 PC28F640J3D75A PC28F128J3D75B PC28F |
16M X 16 FLASH 2.7V PROM, 95 ns, PBGA64 LEAD FREE, ESBGA-64 4M X 16 FLASH 2.7V PROM, 75 ns, PBGA64 8M X 16 FLASH 2.7V PROM, 75 ns, PBGA64
|
Numonyx Asia Pacific Pte, Ltd.
|
29LV160C-55R 29LV160C-70 29LV160C-90 MX29LV160CTMI |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO44 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 16M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
MX28F160C3TXAC-11G MX28F160C3BXAC-11 MX28F160C3BXA |
16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PDSO48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 70 ns, PBGA48 16M-BIT [1M x16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 110 ns, PBGA48
|
Macronix International Co., Ltd. PROM MACRONIX INTERNATIONAL CO LTD
|
MBM29LV160T-80PFTR MBM29LV160B-12PFTR MBM29LV160B- |
FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 80 ns, PDSO48 FLASH MEMORY CMOS 16M (2M x 8/1M x 16) BIT 1M X 16 FLASH 3V PROM, 120 ns, PDSO48
|
Spansion, Inc.
|
E28F256J3C-110 GE28F256J3C-110 E28F256J3C-115 GE28 |
Intel StrataFlash Memory (J3) 英特StrataFlash存储器(J3 Aluminum Electrolytic Radial Lead Audio Grade Capacitor; Capacitance: 2200uF; Voltage: 10V; Case Size: 10x20 mm; Packaging: Bulk 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 16M X 16 FLASH 2.7V PROM, 125 ns, PDSO56 Intel StrataFlash Memory (J3) 英特尔StrataFlash存储器(J3 Intel StrataFlash Memory (J3) 8M X 16 FLASH 3V PROM, 150 ns, PDSO56 Intel StrataFlash Memory (J3) 8M X 16 FLASH 2.7V PROM, 120 ns, PBGA64 (TE28FxxxJ3C) Strata Flash Memory Strata Flash Memory / 256 Mbit
|
Intel, Corp. Intel Corp. http:// Intel Corporation
|
MX29LV160ATTC-90G |
16M-BIT [2Mx8/1Mx16] CMOS SINGLE VOLTAGE 3V ONLY FLASH MEMORY 1M X 16 FLASH 3V PROM, 90 ns, PDSO48
|
Macronix International Co., Ltd.
|
S25FL016A0LMAI011 S25FL016A0LNFI003 S25FL016A0LNFI |
16 Megabit CMOS 3.0 Volt Flash Memory with 50MHz SPI (Serial Peripheral Interface) Bus 16M X 1 FLASH 3V PROM, PDSO8
|
Spansion, Inc. SPANSION LLC
|
M58LT256JST8ZA6F |
16M X 16 FLASH 1.8V PROM, 85 ns, PBGA64
|
STMICROELECTRONICS
|
M58LT256JST8ZA6E |
16M X 16 FLASH 1.8V PROM, PBGA64
|
|
AT25DF161-SHF-B |
16M X 1 FLASH 2.7V PROM, PDSO8
|
ATMEL CORP
|
S25FL128P0XNFI001 S25FL128P0XMFI013 S25FL128P0XNFI |
128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus 16M X 8 FLASH 3V PROM, DSO8 128 Megabit CMOS 3.0 Volt Flash Memory with 104-MHz SPI (Serial Peripheral Interface) Bus 16M X 8 FLASH 3V PROM, PDSO16
|
Spansion, Inc. SPANSION LLC
|