PART |
Description |
Maker |
Q62902-B62 Q62902-B63 BD524 Q62702-D905 |
NPN SILICON PLANAR TRANSISTOR ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87%
|
Siemens Semiconductor G... SIEMENS[Siemens Semiconductor Group] SIEMENS AG
|
RBM-93.3S RBM RBM-1.805D RBM-1.805S RBM-1.809D RBM |
ECONOLINE - DC/DC - CONVERTER ECONOLINE -直流/直流-转炉 ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85%
|
RECOM Electronic GmbH http:// RECOM Power Inc. RECOM[Recom International Power]
|
MC34118 MC34118DW MC34118P |
ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) VOICE SWITCHED SPEAKERPHONE CIRCUIT
|
Motorola, Inc.
|
CSX750FBC2 CSX750FBC1.843200MTR CSX750FBC25.000000 |
CSX532T Series SMD TCXO Oscillators CSX532T系列贴片温补振荡 TROMPETER Complete Monolithic SHA Circuit. ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix)
|
Electronic Theatre Controls, Inc. N.A.
|
BZX84C10-V BZX84C3V9-V BZX84C24-V BZX84B9V1-V BZX8 |
surface mount silicon Zener diodes 表面贴装硅稳压二极管 ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) Small Signal Zener Diodes
|
Vishay Intertechnology, Inc. Vishay Intertechnology,Inc. Vishay Siliconix
|
BP12RYT BP02RYE BP12RYE BP02RYT BP05RKE BP05RKT BP |
Side Actuated DIP Switcehs 侧驱动双酯Switcehs POTTING BOX, STYLE A RES 3.9 OHM 5% 1W 2512 Insulation Displacement (IDC) Connector; No. of Contacts:8; Contact Termination:IDC; Gender:Female ECONOLINE: RN - Custom Solutions Available- 1kVDC & 2kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 85% Side Actuated DIP Switches
|
Electronic Theatre Controls, Inc. ITT Industries List of Unclassifed Manufacturers ETC List of Unclassifed Man...
|
ML65 ML65F50TR ML65A30MB ML65A30ML ML65A30MR ML65A |
XC95108-20PQ100I - NOT RECOMMENDED for NEW DESIGN ML65系列的DC - DC转换 ML65 Series DC-DC Converter ML65系列的DC - DC转换 XC95108-7PQ160C - NOT RECOMMENDED for NEW DESIGN ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 144 MACROCELL 3.3 VOLT ISP CPLD XC95108-7PC84C - NOT RECOMMENDED for NEW DESIGN
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers
|
MIC5231-3.0BM5 MIC5231-3.3BM5 MIC5231-2.75BM5 MIC5 |
Multiconductor Cable; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes ECONOLINE: RZ - 1kVDC Isolation- SMD Package Styles- 5V, 12V and 15V Output- UL94V-0 Package Material- No Heatsink Required- No Extern. Components- Toroidal Magnetics- Efficiency to 62% Micropower レCap LDO Regulator Preliminary Information Micropower Cap LDO Regulator Preliminary Information Micropower μCap LDO Regulator Preliminary Information
|
Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BCR22PN Q62702-C2375 BCR22 BCR22PNQ62702C2375 |
NPN/PNP Silicon Digital Tansistor Array (Switching circuit, inverter, interface circuit, drive circuit) From old datasheet system ECONOLINE: REZ - Cost Effective- 1kVDC & 2kVDC Isolation- Custom Solutions Available- No Extern. Components Required- UL94V-0 Package Material- Efficiency to 85% TRANSISTOR DIGITAL SOT363 NPN/PNP Silicon Digital Tansistor Array (Switching circuit/ inverter/ interface circuit/ drive circuit)
|
SIEMENS[Siemens Semiconductor Group] Infineon SIEMENS AG
|
BD52XXG BD5247 BD5257 BD5256 BD5344 BD5241 BD5243 |
Static Monitor Jack; Features:Allows an operator to disconnect a ground cord from the wrist band and leave the workstation without deactivating Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Beige; Features:Hi-temperature plastic RoHS Polarizing post; For Use With:N2500 series, 4-wall headers; Body Material:Glass-filled Polyester; Color:Black; Features:Low-temperature plastic RoHS Color Coded Flat Cable, 3302/25 28 AWG, .050 (1.27) ECONOLINE: RI - Custom Solutions Available- 1kVDC Isolation- No Extern. Components Required- UL94V-0 Package Material- No Heatsink Required- Efficiency to 87% Color Coded Flat Cable, 3302/10 28 AWG, .050 (1.27) 电压检测器IC VOLTAGE DETECTOR IC 电压检测器IC Insulating Tape; Tape Backing Material:PVC; Width:0.75"; Roll Length:20ft; Adhesive Material:Rubber RoHS Compliant: Yes 电压检测器IC Color Coded Flat Cable, 3302/34 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/09 28 AWG, .050 (1.27) 电压检测器IC Color Coded Flat Cable, 3302/18 28 AWG, .050 (1.27) 电压检测器IC
|
Rohm CO.,LTD. Electronic Theatre Controls, Inc. Microsemi, Corp.
|
LFEC3E-3T100I LFEC33E-3T100I LFECP3E-3T100I LFEC3E |
LatticeECP/EC Family Data Sheet ECONOLINE: RSZ/P - 1kVDC & 2kVDC Isolation- UL94V-0 Package Material- No Heatsink Required- No Extern. Components Required- Toroidal Magnetics- ContinuousShort Circuit Protection ( /P-Suffix) 12-bit, 400 KSPS ADC, 8-Ch. Serial With Powerdown 20-TSSOP 0 to 70 Dual uPower Low-Voltage Operational Amplifier 8-SOIC 12-Bit 66 kSPS ADC Ser. Out, Pgrmable MSB/LSB First, Pgrmable Power Down/Output Data Length, 11 Ch. 20-SSOP 12-Bit 66 kSPS ADC Ser. Out, Pgrmable MSB/LSB First, Pgrmable Power Down/Output Data Length, 11 Ch 20-CDIP -55 to 125 120W 880MHZ NI860L FET CANMS3470L12-10PX CANMS3470L12-8PL/C 12-Bit 66 kSPS ADC Ser. Out, Pgrmable MSB/LSB First, Pgrmable Power Down/Output Data Length, 11 Ch. 20-SOIC 8 BIT 96K FLS CAN 16K FLASH, 4K RAM, 32PIN Enhanced Product 12-Bit Analog-To-Digital Converter W/ Serial Control And 11 Analog Input 20-SOIC -40 to 125 Enhanced Product 12-Bit Analog-To-Digital Converter W/ Serial Control And 11 Analog Input 20-SSOP -55 to 125 12-Bit 66 kSPS ADC Ser. Out, Pgrmable MSB/LSB First, Pgrmable Power Down/Output Data Length, 11 Ch. 20-PLCC 30V N-Channel PowerTrench MOSFET LinCMOS(TM) Quad Operational Amplifier 14-SOIC Dual Low-Power Low-Voltage Operational Amplifier 8-PDIP 0 to 70 Dual Low-Power Low-Voltage Operational Amplifier 8-SOIC 0 to 70 LatticeECP/EC Family Data Sheet LatticeECP / EC的系列数据手 RF PWR LDMOS NI780LS LatticeECP / EC的系列数据手 12-Bit, 400 kSPS ADC, Serial Out, TMS320 Compatible (up to 10MHz), Single Ch. 8-SOIC -40 to 85 FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA484 12-Bit, 400 kSPS ADC, Serial Out, TMS320 Compatible (up to 10MHz), Dual Ch. Auto Sweep 8-MSOP -40 to 85 FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA484 12-Bit, 400 kSPS ADC, Serial Out, TMS320 Compatible (up to 10MHz), Dual Ch. Auto Sweep 8-MSOP 0 to 70 LatticeECP / EC的系列数据手 CONN HEADER EH SIDE 9POS 2.5MM LatticeECP / EC的系列数据手 Octal D-type Edge-Triggered Flip-Flops With 3-State Outputs 20-TVSOP -40 to 85 LatticeECP / EC的系列数据手 12-Bit, 400 kSPS ADC, Serial Out, TMS320 Compatible (up to 10MHz), Single Ch. Pseudo-differential 8-SOIC -40 to 85 LatticeECP / EC的系列数据手 Automotive Catalog 12-Bit Analog-to-Digital Converters With Serial Control and 11 Analog Inputs 20-SSOP -40 to 85 LatticeECP / EC的系列数据手 12-Bit, 400 kSPS ADC, Serial Out, TMS320 Compatible (up to 10MHz), Dual Ch. Auto Sweep 8-SOIC -40 to 85 LatticeECP / EC的系列数据手 LinCMOS(TM) Quad Operational Amplifier 14-PDIP FPGA, 768 CLBS, 6100 GATES, 420 MHz, PQFP144 LatticeECP/EC Family Data Sheet FPGA, 768 CLBS, 6100 GATES, 420 MHz, PQFP144 LatticeECP/EC Family Data Sheet FPGA, 768 CLBS, 6100 GATES, 420 MHz, PQFP208 LatticeECP/EC Family Data Sheet FPGA, 768 CLBS, 6100 GATES, 420 MHz, PBGA484 Contemporary and Carrying style Handles LatticeECP / EC的系列数据手 LatticeECP/EC Family Data Sheet FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PBGA256 PV SERIES LatticeECP / EC的系列数据手 Dual uPower Low-Voltage Operational Amplifier 8-PDIP LatticeECP / EC的系列数据手 STANDOFF RND 4-40THR .625L BRS FPGA, 384 CLBS, 3100 GATES, 420 MHz, PQFP100 12-bit, 400 KSPS ADC, 4-Ch. Serial With Powerdown 16-TSSOP -40 to 85 LatticeECP / EC的系列数据手 LinCMOS(TM) Quad Operational Amplifier 14-PDIP LatticeECP / EC的系列数据手 1/2 AA LITHIUM 3.6 VOLT WITH TABS RoHS Compliant: NA LatticeECP / EC的系列数据手 ECONOLINE: RSZ/P - 1kVDC ECONOLINE:RSZ / P - 1kVDC 2kVDC隔离UL94V - 0封装材料所需的散热片,无外置。组件所需的环形磁ContinuousShort电路保护 P的后缀 LatticeECP/EC Family Data Sheet FPGA, 384 CLBS, 3100 GATES, 420 MHz, PBGA256 CANMS3470L12-3SL/C LatticeECP / EC的系列数据手 12-Bit 66 kSPS ADC Ser. Out, Pgrmable MSB/LSB First, Pgrmable Power Down/Output Data Length, 11 Ch. 20-PDIP LatticeECP / EC的系列数据手 LatticeECP/EC Family Data Sheet FPGA, 5120 CLBS, PBGA900 LatticeECP/EC Family Data Sheet FPGA, 5120 CLBS, PBGA672 LatticeECP/EC Family Data Sheet FPGA, 192 CLBS, 1500 GATES, 420 MHz, PQFP100 12-bit, 400 KSPS ADC, 8-Ch. Serial With Powerdown 20-TSSOP -40 to 85 LatticeECP / EC的系列数据手 LatticeECP/EC Family Data Sheet FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PBGA484 877580008 FPGA, 1280 CLBS, 10200 GATES, 420 MHz, PBGA484 CANMS3470L12-10SL/C LatticeECP / EC的系列数据手 LatticeECP/EC Family Data Sheet FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA484 LatticeECP/EC Family Data Sheet FPGA, 4096 CLBS, 32800 GATES, 420 MHz, PBGA484 12-bit, 400 KSPS ADC, 4-Ch. Serial With Powerdown 16-SOIC 0 to 70 LatticeECP / EC的系列数据手 LatticeECP/EC Family Data Sheet FPGA, 2464 CLBS, 19700 GATES, 420 MHz, PBGA672 LatticeECP/EC Family Data Sheet FPGA, 768 CLBS, 6100 GATES, 420 MHz, PBGA256 12-bit, 400 KSPS ADC, 8-Ch. Serial With Powerdown 20-SOIC Bi-Lead and Tri-Lead Spacer Mounts For T-1 and T-1 3/4 LED Spacer Mounts
|
Lattice Semiconductor Corporation Lattice Semiconductor, Corp. http://
|
|