PART |
Description |
Maker |
SI4700 SI4701 |
Si470X/1X/2X/3X/4X EVALUATION BOARD TEST PROCEDURE
|
Silicon Laboratories
|
NCP1521BEVB |
Test Procedure for the NCP1521B Evaluation Board
|
ON Semiconductor
|
AN569 SI4836 SI4825 SI4824 |
Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE Si4831/35/36/20/24/25-DEMO BOARD TEST PROCEDURE
|
Silicon Laboratories
|
ISL8225MIRZ ISL8225MEVAL3Z 108-0740-001 H2511-0100 |
ISL8225MEVAL3Z 30A, Single Output Evaluation Board Setup Procedure
|
Intersil Corporation
|
5523 3781 |
Connector assemblies, Hooks Test; RoHS Compliant: Yes INTERCONNECTION DEVICE Minigrabber Test Clip Patch Cord
|
Pomona Electronics
|
6245-48-0 6245-48-2 |
Test Clip to Straight Sheathed Banana Plug Connector assemblies, IC clips Test; RoHS Compliant: Yes INTERCONNECTION DEVICE
|
Pomona Electronics
|
TXS100ZA TXS100ZB TXS100ZY TXS75ZA TXS75ZB TXS75ZY |
Input voltage range 36ˇ75V DC Single 80ˇ100A output 1500V DC I/O electrical strength test voltage 输入电压范围3675V直流1500V的单80100A直流输出的I / O电气强度试验电压 Input voltage range 365V DC Single 8000A output 1500V DC I/O electrical strength test voltage Input voltage range 36?5V DC Single 80?00A output 1500V DC I/O electrical strength test voltage
|
Power-One
|
2249-C-48 2249-E-240 2249-C-12 2249-C-96 2249-K-12 |
Pomona Stress Relieved/BNCCable Assemblies, Color: Black, Length: 48 , Contact Plating: Nickel, Contact Material: Brass, Features: BNC to BNC, weatherproof molded construction, ideal for use with test instruments INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:20ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; Features:75 Ohm impedance; For Use With:RG59B/U INTERCONNECTION DEVICE Connector assemblies, RF Test; Connector Type A:BNC Male; Connector Type B:BNC Male; Cable Length:1ft; Approval Bodies:CE; Body Material:Brass; Contact Material:Brass; For Use With:RG58C/U; Leaded Process Compatible:Yes INTERCONNECTION DEVICE Connector; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes INTERCONNECTION DEVICE BNC (M), RG174/U INTERCONNECTION DEVICE BNC (M) RG223/U RoHS Compliant: Yes INTERCONNECTION DEVICE TEST , 50R RG58 2M
|
Pomona Electronics
|
MD6052ASZ-2 |
Electrical Characteristics Test Condition (Vs= 3 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 3 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|
MD9765ASZ-0 |
Electrical Characteristics Test Condition (Vs= 3 . 0 V, RL= 2 . 2 k ohm, Ta=20隆?C, RH=65%) Electrical Characteristics Test Condition (Vs= 3 . 0 V, RL= 2 . 2 k ohm, Ta=20°C, RH=65%)
|
Knowles Electronics
|