PART |
Description |
Maker |
MF-RX110-0-99 |
PTC - RADIAL LEADED 60VOLTS RESISTOR, TEMPERATURE DEPENDENT, PTC RESETTABLE FUSE, THROUGH HOLE MOUNT
|
Hanbit Electronics Co., Ltd.
|
TFPT0603 TFPT1206L1000DV TFPT1206L1002JM TFPT1206L |
SMD PTC - Nickel Thin Film Linear Thermistors THERMISTOR PTC 100 OHM 0.5% SMD - Tape and Reel Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 10000 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Temperature Dependent Resistor, RESISTOR, TEMPERATURE DEPENDENT, PTC, 5600 ohm, SURFACE MOUNT, CHIP, 1206, LEAD FREE Thermistor PTC 680Ohm 5% 2-Pin 1206 T/R
|
Vishay Siliconix Vishay Dale
|
TFPT |
Linear PTC Surface Mount Chip Thermistors, Nickel barrier with tin/lead wraparound terminations, Alumina substrate base with PTC thin film element, 0603, 0805, and 1206 sizes available
|
Vishay
|
NANOSMDC035F |
PolySwitch? PTC Devices PolySwitch垄莽 PTC Devices
|
Tyco Electronics
|
3425L 3425L150 3425L200 3425L250 3425L300 3425L150 |
Resettable PTC. Ihold = 3.00A, Itrip = 6.0, Vmax = 6Vdc. Reel quantity 1500. Resettable PTC. Ihold = 2.50A, Itrip = 5.0, Vmax = 15Vdc. Reel quantity 1500. Resettable PTC. Ihold = 2.00A, Itrip = 4.0, Vmax = 15Vdc. Reel quantity 1500. Resettable PTC. Ihold = 1.50A, Itrip = 3.0, Vmax = 15Vdc. Reel quantity 1500. Surface Mount PTC
|
LITTELFUSE[Littelfuse]
|
RGE1000 |
PolySwitch?PTC Devices Resettable Fuse PolySwitch庐PTC Devices Resettable Fuse Poly Switch PTC Devices
|
Tyco Electronics ETC List of Unclassifed Manufacturers
|
AD549J 05F6971 AD549JH |
Ultralow Input Bias Current Operational Amplifier IC-ELECTROMETER AMPLIFIER 集成电路静电计放大器 THERMISTOR, PTC; Series:B598; Thermistor type:PTC; Resistance:15R; Tolerance, resistance: /-25%; Temp, op. max:125(degree C); Voltage, operating:265V; Case style:Radial; Current, tripping:0.28A; Diameter, body:11mm; Length, RoHS Compliant: Yes
|
Analog Devices, Inc. ANALOG DEVICES INC
|
BCW60B BCW60D BCW60 BCW60C BCW60_3 BCW60B/T1 BCW60 |
From old datasheet system NPN GENERAL PURPOSE TRANSISTORS PTC Resettable Fuse; Series:1206L; Thermistor Type:PTC; Operating Voltage Max:24VDC; Holding Current:200mA; Tripping Current:420mA; External Depth:1mm; Length:3.5mm; Initial Resistance Min:0.65ohm; Initial Resistance Max:1.55ohm HDW,FUSEHOLDER,SMT
|
NXP Semiconductors Philips Semiconductors
|
|