PART |
Description |
Maker |
NESG2101M16 NESG2101M16-T3 |
NECs NPN SiGe HIGH FREQUENCY TRAN SIS TOR 邻舍npn型硅锗高频陈德良SIS的职权范
|
NEC, Corp. NEC[NEC]
|
MCRF355 MCRF360 |
The MCRF355 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features optimized at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran The MCRF360 is a uniquely designed read-only passive Radio Frequency Identification (RFID) IC device with advanced anticollision features operating at 13.56 MHz. The device is powered remotely by rectifying RF magnetic fields that are tran
|
Microchip
|
2SB1371 |
Silicon PNP triple diffusion planar type(For high power amplification) 6 A, 120 V, PNP, Si, POWER TRANSISTOR
|
TE Connectivity, Ltd. PANASONIC[Panasonic Semiconductor]
|
2SA1396 2SA1396-AZ 2SA1396M 2SA1396-K-AZ |
TRANSISTOR | BJT | PNP | 100V V(BR)CEO | 10A I(C) | SOT-186 晶体管|晶体管|进步党| 100V的五(巴西)总裁| 10A条一(c)|的SOT - 186 10 A, 100 V, PNP, Si, POWER TRANSISTOR PNP SILICON POWER TRANSISTOR
|
NEC, Corp.
|
BDX54 BDX54C BDX54B BDX54A |
8 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-220 PNP SILICON POWER DARLINGTONS RJZ Series - Econoline Unregulated DC-DC Converters; Input Voltage (Vdc): 15V; Output Voltage (Vdc): 05V; Power: 2W; 2W Single and Dual Outputs
|
Power Innovations Ltd POINN[Power Innovations Limited] Power Innovations International, Inc.
|
2N4919G |
Bipolar Power C77 PNP 3A 60V; Package: TO-225; No of Pins: 3; Container: Bulk; Qty per Container: 500 3 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-225AA
|
ON Semiconductor
|
KSA614YTSTU KSA614 KSA614Y KSA614YTU KSA614O KSA61 |
Low Frequency Power Amplifier PNP Epitaxial Silicon Transistor; Package: TO-220; No of Pins: 3; Container: Bulk 3 A, 55 V, PNP, Si, POWER TRANSISTOR, TO-220AB
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor, Corp.
|
BCX52-10 BCX52-16 BCP52-16 BCP52-10 BC52PA |
60 V, 1 A PNP medium power transistors PNP medium power transistor series in Surface-Mounted Device (SMD) plastic packages.
|
NXP Semiconductors
|
KSH117TF KSH117ITU |
PNP Silicon Darlington Transistor; Package: TO-252(DPAK); No of Pins: 2; Container: Tape & Reel 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-252 2 A, 100 V, PNP, Si, POWER TRANSISTOR, TO-251 IPAK-3
|
Fairchild Semiconductor, Corp.
|
2N5883 |
Complementary Silicon PNP Power Transistor(25A00W0V(集电极-发射极),补偿型PNP功率晶体 25 A, 60 V, PNP, Si, POWER TRANSISTOR, TO-204AA
|
ON Semiconductor
|
2SB1202-X-T6C-K 2SB1202-X-TN3-R 2SB1202-X-TM3-T 2S |
HIGH CURRENT SWITCHING APPLICATION 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-251 3 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126
|
UNISONIC TECHNOLOGIES CO LTD
|
|