PART |
Description |
Maker |
KA393AS KA2903S |
DUAL COMPARATOR, 4000 uV OFFSET-MAX, 1400 ns RESPONSE TIME, PSIP9 DUAL COMPARATOR, 15000 uV OFFSET-MAX, 1500 ns RESPONSE TIME, PSIP9
|
FAIRCHILD SEMICONDUCTOR CORP
|
LM339AE CA239AM CA239AF |
QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDIP14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, PDSO14 QUAD COMPARATOR, 4000 uV OFFSET-MAX, 1300 ns RESPONSE TIME, CDIP14
|
HARRIS SEMICONDUCTOR
|
CD4063BMS FN3318 CD4063 CD4063BKMSR |
Digital Comparator, 4-Bit Magnitude, Rad-Hard, CMOS, Logic From old datasheet system CMOS 4-Bit Magnitude Comparator; Temperature Range: -55°C to 125°C; Package: 16-FlatPack 4000/14000/40000 SERIES, 4-BIT MAGNITUDE COMPARATOR, TRUE OUTPUT, CDFP16
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
LA6393AT |
For Parallel Comparator Circuits High-Performance Dual Comparator
|
Sanyo Semicon Device
|
ALD2302 ALD2321BSC |
Ultra Low Vos EPAD® Dual CMOS Analog Voltage Comparator DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
|
Advanced Linear Devices
|
LT1719 LT1719CS8 LT1719IS8 1719F LT1719CS6 LT1719I |
4ns/ 150MHz Dual Comparator with Independent Input/Output Supplies 4.5ns Single/Dual Supply 3V/5V Comparator with Rail-to-Rail Output From old datasheet system
|
LINER[Linear Technology]
|
V53C104FK70 V53C104FK80 V53C104FK60L V53C104FK70L |
HIGH PERFORMANCE, LOW POWER 256K X 4 BIT FAST PAGE MODE CMOS DYNAMIC RAM IC TRANS ARRAY 60V 500MA DIP16 IC COMPARATOR DUAL 18V SIP8 IC COMPARATOR DUAL 18V DIP8 IC REGULATOR 10V 1A TO220FP
|
Mosel Vitelic, Corp.
|
MAX9030 MAX9030AUT-T MAX9030AXT-T MAX9030-MAX9034 |
Octal Bus Transceivers With 3-State Outputs 20-CFP -55 to 125 QUAD COMPARATOR, 5000 uV OFFSET-MAX, PDSO14 Octal Bus Transceivers With 3-State Outputs 20-CDIP -55 to 125 DUAL COMPARATOR, 5000 uV OFFSET-MAX, PDSO8 Low-Cost, Ultra-Small, Single/Dual/Quad Single-Supply Comparators COMPARATOR, 5000 uV OFFSET-MAX, PDSO5 From old datasheet system Low-Cost / Ultra-Small / Single/Dual/Quad Single-Supply Comparators Low-Cost Ultra-Small Single/Dual/Quad Single-Supply Comparators "Low-Cost, Ultra-Small, Quad, Single- Supply Comparator in TSSOP" "Low-Cost, Ultra-Small, Dual, Single- Supply Comparator in SOT23" VOLT COMPARATOR,SINGLE,TSOP,6PIN,PLASTIC "Low-Cost, Ultra-Small, Single, Single- Supply Comparator"
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] Maxim Integrated Products Inc MAXIM - Dallas Semiconductor
|
TC1040 TC1040CEUA |
The TC1040 is a mixed-function device combining two comparators and a voltage reference in a single 8-Pin package. The inverting input of comparator A and the non-inverting input of comparator B are internally connected to the reference. T Linear Building Block . Dual Low Power Comparator and Voltage Reference with Shutdown
|
MICROCHIP[Microchip Technology]
|
TA7521P |
Dual Comparator Voltage Comparator
|
Toshiba
|
|