PART |
Description |
Maker |
KSD471AYTA KSD471AYBUNL |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 1000 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC337BU BC33725TAR BC33740TANL BC33716TAR BC33716T |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor 800 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 1000 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Zetex Semiconductor PLC Fairchild Semiconductor, Corp. FAIRCHILD SEMICONDUCTOR CORP
|
SFBFX86 BFX86 BFX86.MODE4 |
1000 mA, 35 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-205AD Bipolar NPN Device
|
SEMELAB LTD SEME-LAB[Seme LAB]
|
2SD1198 2SD1198A |
Silicon NPN epitaxial planer type darlington 1000 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Panasonic, Corp. PANASONIC[Panasonic Semiconductor]
|
2N1983 |
1000 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
MPSW45ARLRM |
1000 mA, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
ON SEMICONDUCTOR
|
2SC4485-R |
1000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
T495TC |
1000 mA, 150 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
DIODES INC
|
STX13003G-AP STX13003-AP |
1000 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
STMICROELECTRONICS
|
KSD1616AGBU |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
NEC, Corp.
|
ZTX360 |
1000 mA, 40 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN SILICON PLANAR HIGH SPEED SWITCHING TRANSISTOR
|
Diodes Incorporated ETC[ETC] http:// Electronic Theatre Controls, Inc. ZETEX PLC
|
FMMT491 FMMT491TA |
Medium power NPN transistor in SOT23 1000 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR SOT-23, 3 PIN
|
Diodes Incorporated Diodes, Inc.
|
|