PART |
Description |
Maker |
KD-012 KD-015 KD-020 KD-030 KD-025 KD-042 KD-058 K |
Radial Lead Transient Voltage Suppressors
|
Socay Electornics Co., Ltd.
|
KD-058 KD-076 |
Radial Lead Transient Voltage Suppressors (TVS)
|
UN Semiconducctor INC
|
GBP306 GBP300 GBP301 GBP3010 GBP302 GBP304 GBP308 |
IN-LINE GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 3.0 Amperes) From old datasheet system Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 6.3V; Case Size: 8x12 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 1200uF; Voltage: 4V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 820uF; Voltage: 2.5V; Case Size: 8x9 mm; Packaging: Bulk 反穿玻璃钝化单相桥式整流器(电压- 50000伏特,电三点零安培)
|
PANJIT[Pan Jit International Inc.] PanJit International Inc. PanJit International, Inc.
|
5KP58A-HF 5KP58CA-HF 5KP80A-HF 5KP80CA-HF 5KP350A- |
Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=58V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=80V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=350V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=250V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=14V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=51V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=48V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=26V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=19V, Tolerance=5% Halogen Free Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=5000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
SMF14A SMF7.5A SMF75AG SMF78AG SMF6.5A SMF6.5AG SM |
Zener Transient Voltage Suppressor SOD−123 Flat Lead Package Zener Transient Voltage Suppressor SOD123 Flat Lead Package(齐纳TVS表面安装) 1000 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ONSEMI[ON Semiconductor] http://
|
ATV30C100J-G ATV30C100JB-G ATV30C101J-G ATV30C101J |
Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=10V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=100V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=11V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=110V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=12V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=120V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=13V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=130V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=7V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=6.5V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=400V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=40V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=20V, Tolerance=5% Transient Voltage Suppressor (TVS), P-PPM=3000Watts, V-RWM=85V, Tolerance=5%
|
Comchip Technology
|
GL35-00 GL35-01 GL35-02 GL35-04 GL35-06 GL35-08 GL |
Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 120uF; Voltage: 6.3V; Case Size: 6.3x7 mm; Packaging: Bulk 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 1535安培 IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIERS(VOLTAGE - 50 to 800 Volts CURRENT - 15 to 35 Amperes) 在行高硅桥式整流器电流(电压- 5000伏特电流- 155安培 Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 22uF; Voltage: 6.3V; Case Size: 5x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 68uF; Voltage: 6.3V; Case Size: 4x11 mm; Packaging: Bulk Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 56uF; Voltage: 6.3V; Case Size: 5x7 mm; Packaging: Bulk XTAL CER SMT 6X3.5 2PAD Aluminum Electrolytic Radial Lead Low Impedance High Reliability Capacitor; Capacitance: 1200uF; Voltage: 6.3V; Case Size: 8x20 mm; Packaging: Bulk LED Panel Indicator; LED Color:Yellow; Luminous Intensity:40foot lambert; Forward Current:8.5mA; Forward Voltage:125V; Operating Temperature Range:-25 C to 85 C; Color:Yellow; Leaded Process Compatible:No RoHS Compliant: No
|
Transys Electronics, Ltd. Transys Electronics Ltd. TRSYS
|
GBS4B GBS4M GBS4A GBS4D GBS4G GBS4J GBS4K |
Silicon-Bridge Rectifiers Aluminum Polymer Radial Lead Capacitor; Capacitance: 470uF; Voltage: 10V; Case Size: 10x13 mm; Packaging: Bulk Aluminum Polymer Radial Lead Capacitor; Capacitance: 270uF; Voltage: 10V; Case Size: 8x12 mm; Packaging: Bulk
|
Diotec Elektronische DIOTEC[Diotec Semiconductor] Diotec Semiconductor AG
|
QYS1H222KTP QYP1H223JTP QYS1H334KTP QYP1H333KTP |
Polyester Film Radial Lead Capacitor; Capacitance: 2200uF; Voltage: 50V; Case Size: 5.5x5 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.0022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 22000uF; Voltage: 50V; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.022 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: .33uF; Voltage: 50V; Case Size: 11x13 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.33 uF, THROUGH HOLE MOUNT Polyester Film Radial Lead Capacitor; Capacitance: 33uF; Voltage: 50V; Case Size: 7.5x6 mm; Packaging: Bulk CAPACITOR, FILM/FOIL, POLYESTER, 50 V, 0.033 uF, THROUGH HOLE MOUNT
|
Nichicon, Corp.
|
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
P6KE8V2A P6KE18A P6KE100A P6KE10A P6KE110A P6KE11A |
600 Watt Transient Voltage Suppressors GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State) Transient Voltage Suppressors P6KE6V8(C)A - P6KE440(C)A
|
Panjit International Inc FAIRCHILD[Fairchild Semiconductor]
|
|