PART |
Description |
Maker |
BTB06-600B BTB06-600BRG BTB06-600BW BTB06-600BWRG |
800 V, 6 A, SNUBBERLESS TRIAC, TO-220AB SNUBBERLESS?? LOGIC LEVEL & STANDARD SNUBBERLESS LOGIC LEVEL & STANDARD 缓冲器⑩,逻辑电平 (65.93 k) 5.93十一 INDICATOR BODY, ROUND; Lamp fitting type:Midget Groove; Approval Bodies:BEAB, CSA, VDE, UL; Current, contact max:6A; Depth, external:42mm; Diameter, bezel:18mm; IP rating:IP65; Operations, mechanical No. of:1000000; Temp, op. RoHS Compliant: Yes 240 x 128 pixel format, LED or EL Backlight SC70/SOT23-8, 50mA IOUT, Rail-to-Rail I/O Op Amps with Shutdown/Mute SNUBBERLESS LOGIC LEVEL & STANDARD SNUBBERLESS/ LOGIC LEVEL & STANDARD Transient Voltage Suppressor Diodes SNUBBERLESS⑩, LOGIC LEVEL & STANDARD From old datasheet system SNUBBERLESS, LOGIC LEVEL & STANDARD 6A TRIACS SNUBBERLESS? LOGIC LEVEL & STANDARD
|
STMicroelectronics N.V. International Rectifier, Corp. 意法半导 ST Microelectronics STMICROELECTRONICS[STMicroelectronics] SGS Thomson Microelectronics
|
G784B |
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
|
IDEA.lnc.
|
J78B |
T-1, (3-mm) Round, Bi-level PCB Mount LED Indicator
|
IDEA.lnc.
|
OSR7CA5111A |
5mm Round Red LED 5mm Round Standard Directivity High Luminous LEDs
|
OptoSupply International
|
OSV5YL5111A |
5mm Round Violet LED 5mm Round Standard Directivity High Luminous LEDs
|
OptoSupply International
|
OSI5LA5113A |
5mm Round Infrared LED 5mm Round Standard Directivity Superior Weather-resistance
|
OptoSupply International
|
SKDI26 SKDI26_02 SKDI26_04 SKDI26_06 SKDI26_08 SKD |
LED 470NM TAPERED BLUE 5MM 3 PHASE, 800 V, SILICON, BRIDGE RECTIFIER DIODE LED 623NM ROUND RED 5MM LED 589NM ROUND YELLOW 5MM LED 573NM TAPERED YLW/GRN 5MM LED 525NM ROUND GREEN 5MM 3~phase
|
SEMIKRON[Semikron International]
|
BL-B1134N BL-B1134N-1 BL-B2134N BL-B2134N-1 BL-B24 |
Red, standard LED lamp (round type) Green, standard LED lamp (round type) Yellow, standard LED lamp (round type) Hi-eff red, standard LED lamp (round type) Bright red, standard LED lamp (round type) Orange, standard LED lamp (round type)
|
Yellow Stone Corp
|
T1210T-6I |
Entry level Snubberless? logic level and standard 12 A TRIACs
|
STMicroelectronics
|
BT136B BT136B-500 BT136B-500F BT136B-500G BT136B-6 |
Transient Voltage Suppressor Diodes 双向可控 Triacs 800 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 600 V, 4 A, 4 QUADRANT LOGIC LEVEL TRIAC, TO-263 8-Bit Multi-Level Pipeline Register 24-SOIC -40 to 85 双向可控 Triacs sensitive gate Triacs logic level
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|