PART |
Description |
Maker |
IRFZ44ZLPBF |
HEXFETPower MOSFET ( VDSS = 55V , RDS(on) = 13.9m, ID = 51A ) ㈢的HEXFET功率MOSFET(减振钢板基本\u003d 55V的,的RDS(on)\u003d十三点九米ヘ,身份证\u003d 51A条)
|
International Rectifier, Corp.
|
IRF8915 |
HEXFETPower MOSFET
|
http:// IRF[International Rectifier]
|
IR710PBF INTERNATIONALRECTIFIER-IR710PBF |
HEXFETPower MOSFET ㈢的HEXFET功率MOSFET
|
|
IRF3704 IRF3704L IRF3704S IRF3704STRL IRF3704STRR |
20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 20V Single N-Channel HEXFET Power MOSFET in a TO-262 package 20V Single N-Channel HEXFET Power MOSFET in a TO-220AB package Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A? Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A) Power MOSFET(Vdss=20V Rds(on)max=9.0mohm Id=77A) Power MOSFET(Vdss=20V, Rds(on)max=9.0mohm, Id=77A?) Power MOSFET(Vdss=20V/ Rds(on)max=9.0mohm/ Id=77A) CONNECTOR, PICOFLEX, 4WAY; Connector type:Wire-to-Board; Ways, No. of:4; Termination method:Crimp; Rows, No. of:2; Pitch:1.27mm; Series:91935 RoHS Compliant: Yes 功率MOSFET(减振钢板基本\u003d 20V的,的Rds(on)最大值\u003d 9.0mohm,身份证\u003d 77A条? TRANSISTOR | MOSFET | N-CHANNEL | 20V V(BR)DSS | 77A I(D) | TO-263AB
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRLML2244TRPBF |
HEXFETpower MOSFET RoHS compliant containing no lead, no bromide and no halogen
|
TY Semiconductor Co., Ltd
|
IRFP054N |
Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A? 55V Single N-Channel HEXFET Power MOSFET in a TO-247AC package Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A) Power MOSFET(Vdss=55V, Rds(on)=0.012ohm, Id=81A?) IC/71054 24P P DIP INTERFACE 功率MOSFET(减振钢板基本\u003d 55V的,的Rds(on)\u003d 0.012ohm,身份证\u003d 81A条?
|
IRF[International Rectifier] Power MOSFET International Rectifier, Corp.
|
IRF840S IRF840STRR IRF840STRL |
500V Single N-Channel HEXFET Power MOSFET in a D2-Pak package Power MOSFET(Vdss=500V Rds(on)=0.85ohm Id=8.0A) Power MOSFET(Vdss=500V/ Rds(on)=0.85ohm/ Id=8.0A) Power MOSFET(Vdss=500V, Rds(on)=0.85ohm, Id=8.0A) 功率MOSFET(减振钢板基本\u003d 500V及的Rds(on)\u003d 0.85ohm,身份证\u003d 8.0A
|
IRF[International Rectifier] International Rectifier, Corp.
|
IRFR2905ZPBF IRFU2905ZPBF |
HEXFET? Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mΩ , ID = 42A ) HEXFET垄莽 Power MOSFET ( VDSS = 55V , RDS(on) = 14.5m楼? , ID = 42A ) HEXFET㈢ Power MOSFET ( VDSS = 55V , RDS(on) = 14.5mヘ , ID = 42A )
|
International Rectifier
|
IRLML2030TRPBF |
HEXFETpower MOSFET Compatible with existing Surface Mount Techniques Easier manufacturing
|
TY Semiconductor Co., Ltd
|
IRFH3707PBF10 IRFH3707TR2PBF IRFH3707TRPBF IRFH370 |
HEXFETPower MOSFET Applications Synchronous Buck Converter for Computer Processor Power
|
International Rectifier
|
IRFP2907 IRFP2907PBF |
Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A? Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A?) AUTOMOTIVE MOSFET Power MOSFET(Vdss=75V, Rds(on)=4.5mohm, Id=209A) 75V Single N-Channel HEXFET Power MOSFET in a TO-247AC package
|
IRF[International Rectifier]
|