PART |
Description |
Maker |
NTE128P NTE129P |
1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO237 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO237 Silicon Complementary Transistors General Purpose Amp
|
NTE[NTE Electronics]
|
BC161-10 BC161-16 BC160 BC160-10 BC160-16 BC161 |
PNP medium power transistors 1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
PHILIPS[Philips Semiconductors] Philipss NXP Semiconductors N.V.
|
2SA1460 2SA1460-AZ 2SA1460-L-AZ 2SA1460L 2SA1460K |
TRANSISTOR | BJT | PNP | 45V V(BR)CEO | 1A I(C) | TO-221VAR 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset 1000 mA, 45 V, PNP, Si, SMALL SIGNAL TRANSISTOR PNP SILICON TRANSISTOR
|
Electronic Theatre Controls, Inc. ETC List of Unclassifed Manufacturers
|
KSB1116LTA |
PNP Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
BC369ZL1G BC368 BC368_05 BC368G BC368ZL1 BC368ZL1G |
Amplifier Transistor PNP Silicon(硅PNP放大器晶体管) 1000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 Voltage and Current are Negative
|
ONSEMI[ON Semiconductor]
|
CMPT7410 CMPT7410BK |
1000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR SURFACE MOUNT PNP SILICON LOW VCE (SAT) TRANSISTOR
|
CENTRAL[Central Semiconductor Corp]
|
FCX591TA |
1000 mA, 60 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc.
|
PBSS5140U115 PBSS5140U/T3 PBSS5140U-15 |
1000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 40 V low VCEsat PNP transistor
|
NXP Semiconductors N.V.
|
2SA1416S |
1000 mA, 100 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243
|
SANYO SEMICONDUCTOR CO LTD
|
|