PART |
Description |
Maker |
AI-2604-TF-LW115-24V-R |
REVISED RESONANT FREQUENCY
|
Projects Unlimited, Inc. Projects Unlimited, Inc...
|
PB-12N24M-05Q PB-12N24M-12Q |
Resonant Frequency 2.4 0.3 KHz Resonant Frequency 2.4 ??0.3 KHz
|
DB Lectro Inc.
|
CMS-40558N-L152 |
500 Hz resonant frequency
|
CUI INC
|
PT-4176PQ |
Resonant Frequency (Hz) 750 ± 250
|
Mallory performance clu...
|
PM1812-221J-RC PM1210-470J-RC PM1812-470J-RC PM181 |
SMT Chip Inductors SMD Inductor; Series:PM1210; Inductance:10uH; Inductance Tolerance: /- 5 %; Q Factor:30; Self Resonant Frequency:36MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:150mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1812; Inductance:3.3uH; Inductance Tolerance: /- 5 %; Q Factor:50; Self Resonant Frequency:45MHz; Terminal Type:PCB Surface Mount; Current Rating:335mA; Leaded Process Compatible:Yes SMD Inductor; Series:PM1210; Inductance:1.5uH; Inductance Tolerance: /- 5 %; Q Factor:28; Self Resonant Frequency:85MHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:370mA; Leaded Process Compatible:Yes
|
Bourns Electronic Solutions BOURNS INC
|
FAN7631 FAN7631SJX |
Advanced Pulse Frequency Modulation (PFM) Controller for Half-Bridge Resonant Converters
|
Fairchild Semiconductor
|
PT-1140PEQ |
Resonant Frequency (Hz) 4000 ± 500
|
Mallory performance clu...
|
PT-1250PQ |
Resonant Frequency (Hz) 5000 ± 500
|
Mallory performance clu...
|
C-1811027 |
REVISED PER ECO-17-012433
|
TE Connectivity Ltd
|
1-2058299-1 1-2058299-2 1-2058299-3 C-2058299 |
REVISED PER ECR-09-011972
|
TE Connectivity Ltd
|
293270-6 293270-5 293270-1 293270-2 293270-4 |
REVISED PER ECR-17-008252
|
TE Connectivity Ltd
|
PM1210-R039J |
SMD Inductor; Series:PM1210; Inductance:39nH; Inductance Tolerance: /- 5 %; Q Factor:25; Self Resonant Frequency:1.3GHz; Terminal Type:PCB Surface Mount; Core Material:Ferrite; Current Rating:450mA; Leaded Process Compatible:No
|
BOURNS INC
|