PART |
Description |
Maker |
NJL24H400A NJL21H NJL21H360A NJL21H360AF3 NJL21H36 |
INFRARED REMOTE CONTROL RECEIVER CORONA DOPE 红外遥控接收 KIT SCRATCH REPAIR FOR DVD 红外遥控接收 Static-Dissipative Floor Paint; Dispensing Method:Pail RoHS Compliant: Yes HAND LOTION ESD DISSIPATIVE STATICIDE WIPES - BULK 450 PCS
|
Toshiba, Corp. New Japan Radio Co., Ltd. NJRC[New Japan Radio]
|
ULN2804 ULN2804A ULN2801 ULN2801A ULN2802A ULN2803 |
EIGHT DARLINGTON ARRAYS TOOLS,TWEEZERS,TWEEZERS,PLASTIC STATIC DISSIPATIVE TWEEZER, P7-STD, 4-1/2 INCH,HAND TOOLS,PLASTIC STATIC DISSIPATIVE TWEEZERS ,SPC TECHNOLOGY 八达林顿阵列
|
ST Microelectronics STMicroelectronics N.V.
|
10342 10240 10200 10202 10203 10204 10206 10190 10 |
Micastat Dissipative Laminate Micastat Dissipative Laminate
|
List of Unclassifed Manufacturers List of Unclassifed Man...
|
44521 |
Professional Quality ESD Tweezers ESD SAFE ?STATIC DISSIPATIVE ?HYPO ALLERGENIC COATED ?TEXTURED GRIPPING SURFACE
|
List of Unclassifed Manufacturers
|
TCL300 TCL300DA1-A TCL300DA1-ACF1 TCL300DA1-ACF2 T |
10.0 MIL HEAVY DUTY VINYL 3/4" X 36 YDS (19.05MM X 33M) 12-10 AWG NON-INSULATED BUTTED SEAM BUTT CONNECTOR LabVIEW Unit Test Framework Toolkit LabVIEW Simulation Interface Toolkit for WIndows LabVIEW Machine Vision and Image Processing Training Kit LabVIEW Wireless Sensor Network Module Pioneer, w/ 1 Yr SSP SELF-STRIP T-TAP 120C 3M431Q W/D TRI PA 9" X 11" COUPLING FC/PC SM D-MOUNT THREADED FIBRE 36 DISC, 9 1/8 IN X 7/8 IN 912J PN01867 AAD 6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery 6日和12伏,7550瓦特湿电池铅钙电 SCOTCH-GRIP INDUSTRIAL ADHESIVE, 1 GAL 6日和12伏,7550瓦特湿电池铅钙电 Dissipative 3 Layer Floor Roll, Brown, 4' x 24' 6日和12伏,7550瓦特湿电池铅钙电 Dissipative 3 Layer Floor Roll, Blue, 4' x 24' 6日和12伏,7550瓦特湿电池铅钙电 6 and 12 Volt, 75 to 450 Watts Wet Cell Lead Calcium Battery 6日和12伏,75450瓦特湿电池铅钙电 Pedestal Stand for 3M Tester 6日和12伏,7550瓦特湿电池铅钙电 LabVIEW Statechart Module, Includes 1 Year Standard Service
|
ETC Electronic Theatre Controls, Inc.
|
UES1401 UES1402 UES1403 UES1404 BYW80 BYW80-150 BY |
; Number of Conductors:2; Conductor Size AWG:20; No. Strands x Strand Size:7 x 28; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100%; Capacitance:56pF/ft RoHS Compliant: Yes ECONOLINE: RQS & RQD - 1kVDC Isolation- Internal SMD Construction- UL94V-0 Package Material- Toroidal Magnetics- Efficiency to 80% Access Control Composite Cable; Composite Conductor Types:10 Conductors 3 Pairs; Number of Conductors:16; Conductor Size AWG:18-16; No. Strands x Strand Size:7 x 26, 19 x 30; Jacket Material:Thermoplastic; Number of Pairs:3 RoHS Compliant: Yes (UES1402 / UES1403 / UES1404) RECTIFIERS
|
MICROSEMI CORP-COLORADO MICROSEMI[Microsemi Corporation]
|
UES702 BYW77-100 BYW77-150 UES703 BYW31-100 BYW31- |
RECTIFIERS Shielded Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Fluoropolymer; Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes
|
MICROSEMI[Microsemi Corporation]
|
1330-0 |
Banana Plug; Current Rating:15A; Body Material:Brass; Color:Black; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Spring Material:Beryllium Copper; Voltage Rating:5000V INTERCONNECTION DEVICE
|
Pomona Electronics
|
1269 |
BNC Coaxial Connector; Convert From:BNC Jack; Convert To:Dual Banana Plug; Body Material:Brass; Contact Material:Beryllium Copper; Contact Plating:Gold; Voltage Rating:500V INTERCONNECTION DEVICE
|
Pomona Electronics
|
BYW95A BYW95B BYW95C |
AVALANCHE FAST SOFT-RECOVERY RECTIFIER DIODES Belden Shielded Plenum Multi-Conductor Cable, Wire Size: 18 AWG, Number of Conductors: 2, Length: 1000 feet, Conductor Material: Bare Copper, Shielding: Beldfoil, Jacket: Natural Flamarrest Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:30pF/ft; Conductor Material:Copper RoHS Compliant: Yes
|
EIC discrete Semiconduc... EIC[EIC discrete Semiconductors] Electronics Industry Public Company Limited
|
SLD326YT-3 SLD326YT SLD326YT-1 SLD326YT-2 SLD326YT |
Shielded Paired Cable; Number of Conductors:18; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes 4W High Power Laser Diode
|
SONY[Sony Corporation]
|
DCR5980Z18 DCR5980Z DCR5980Z12 DCR5980Z14 DCR5980Z |
Shielded Paired Cable; Number of Conductors:2; Conductor Size AWG:22; No. Strands x Strand Size:7 x 30; Jacket Material:Polyvinylchloride (PVC); Shielding Material:Aluminum Foil/Polyester Tape; Shielding Coverage:100% RoHS Compliant: Yes Phase Control Thyristor Target Information
|
Dynex Semiconductor Ltd. DYNEX[Dynex Semiconductor]
|