PART |
Description |
Maker |
2SB892-R 2SD1207-S 2SD1207S |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR PNP / NPN Epitaxial Planar Silicon Transistors
|
SANYO SEMICONDUCTOR CO LTD ON Semiconductor
|
FXT688BSTOB ZTX749STOA UZTX790ASTOB UZTX792ASTOA F |
3000 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 2000 mA, 25 V, PNP, Si, SMALL SIGNAL TRANSISTOR TO-92 COMPATIBLE, E-LINE PACKAGE-3 2000 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR 2000 mA, 70 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. DIODES INC ZETEX PLC
|
2SB1229-AQ 2SB1229-AA 2SD1348-LS 2SB986-CD 2SB985- |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 4 A, 50 V, NPN, Si, POWER TRANSISTOR, TO-126 4 A, 50 V, PNP, Si, POWER TRANSISTOR, TO-126 3000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226 3000 mA, 10 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 1000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-226
|
SANYO SEMICONDUCTOR CO LTD
|
DSA7004 |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
FHA1213 FHA1213Y |
2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-243AA
|
|
2SB1331T105/PQ 2SB1306/P 2SB1306T103/QR 2SB1306/QR |
2 A, 32 V, PNP, Si, POWER TRANSISTOR 5 A, 20 V, PNP, Si, POWER TRANSISTOR, TO-92L 2000 mA, 20 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92L 100 mA, 400 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 1000 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92L 700 mA, 80 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92LS
|
|
NSL12AWT1G |
High Current Surface Mount PNP Switching Transistor for Load Management in Portable Applications; Package: SC-88/SC70-6/SOT-363 6 LEAD; No of Pins: 6; Container: Tape and Reel; Qty per Container: 3000 2000 mA, 12 V, PNP, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
ZTX653DCSM ZTX753DCSM ZTX653DCSM02 ZTX653/753DCSMG |
2000 mA, 100 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR HERMETIC SEALED, CERAMIC, LCC2-6 NPN/PNP DUAL TRANSISTOR IN A HERMETICALLY SEALED CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICTIONS
|
TT electronics Semelab, Ltd. Seme LAB http://
|
2SC2655L-X-AE3-R 2SC2655-X-AE3-R 2SC2655GX-AE3-R 2 |
2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR HALOGEN FREE PACKAGE-3 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR LEAD FREE PACKAGE-3 POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS 2000 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Unisonic Technologies Co., Ltd. UNISONIC TECHNOLOGIES CO LTD
|
KTA1718L KTA1718D KTA1718L-Y KTA1718D-15 |
EPITAXIAL PLANAR PNP TRANSISTOR EPITAXIAL PLANAR PNP TRANSISTOR (POWER AMPLIFIER, POWER SWITCHING) 2000 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR IPAK-3
|
KEC[KEC(Korea Electronics)] Unisonic Technologies Co., Ltd.
|
2N4854U 2N4854 2N3838 JAN2N3838 JAN2N4854 JAN2N485 |
NPN PNP Complimentary; Package: 6_PIN_Flatpack; 600 mA, 40 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN/PNP SILICON COMPLEMENTARY SMALL SIGNAL DUAL
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
DDTA113ZKA DDTA113ZKA-7 DDTA114WKA DDTA114WKA-7 DD |
50V; 30mA PNP PRE-biased small signal surface mount transistor PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 进步党预偏置小信号资 59表面贴装晶体 PNP PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 70 mA, 50 V, PNP, Si, SMALL SIGNAL TRANSISTOR USER PROGRAMMABLE CAP STANDALO 50V; 100mA PNP PRE-biased small signal surface mount transistor
|
Diodes, Inc. 小信号晶体管 Diodes Inc. DIODES[Diodes Incorporated]
|
|