PART |
Description |
Maker |
AM29F080-150EEB AM29F080-150SEB AM29F080-120FEB AM |
x8 Flash EEPROM 30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3303S with Lead Free Packaging 20V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRL3502S with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; Similar to IRF3808S with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; Similar to IRF3707Z with Lead Free Packaging 75V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFS3307 with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a SO-8 package; Similar to IRF7809AV with Lead Free Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRFR3709ZCPBF with Standard Packaging 100V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRFB59N10D with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package; A IRL2703 with Standard Packaging x8闪存EEPROM 55V Single N-Channel HEXFET Power MOSFET in a SOT-223 package; Similar to IRFL024N with Lead Free Packaging x8闪存EEPROM 100V Single N-Channel HEXFET Power MOSFET in a TO-220 FullPak (Iso) package; Similar to IRFI530N with Lead Free Packaging
|
Amphenol, Corp.
|
X24C04V-1.8 X24C04PI-1.8 X24C04V-2.7 X24C04MI-1.8 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRF3709ZCS with Standard Packaging 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package; A IRL3713L with Standard Packaging I2C Serial EEPROM 55V Single N-Channel HEXFET Power MOSFET in a D2-Pak package; A IRFZ46NS with Tape and Reel Right Packaging 30V Single N-Channel HEXFET Power MOSFET in a D-Pak package; A IRLR3303 with Standard Packaging I2C串行EEPROM
|
Electronic Theatre Controls, Inc.
|
IRHNB8Z60 IRHNB3Z60 IRHNB4Z60 IRHNB7Z60 |
TRANSISTOR | MOSFET | N-CHANNEL | 30V V(BR)DSS | 75A I(D) | SMT RADIATION HARDENED POWER MOSFET SURFACE MOUNT(SMD-3) 30V 100kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package 30V 1000kRad Hi-Rel Single N-Channel TID Hardened MOSFET in a SMD-3 package
|
IRF[International Rectifier]
|
NTMS4705N |
Power MOSFET 30V, 12A, Single N Channel, SO8(30V, 12A锛????OSFET)
|
ON Semiconductor
|
FDB7030BLS FDP7030BLS FDB7030BLSL86Z |
56 A, 30 V, 0.0105 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB 30V N-Channel PowerTrench?SyncFET 30V N-Channel PowerTrenchÒ SyncFET™ 30V N-Channel PowerTrench㈢SyncFET⑩ 30V N-Channel PowerTrench SyncFET
|
FAIRCHILD SEMICONDUCTOR CORP
|
IRF3709ZS IRF3709Z IRF3709ZL |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package 30V Single N-Channel HEXFET Power MOSFET in a TO-220AB package
|
IRF[International Rectifier]
|
HP4410DY FN4468 HP4410 HP4410DYT |
From old datasheet system 10A, 30V, 0.0135 Ohm, Single N-Channel, Logic Level Power MOSFET 10A/ 30V/ 0.0135 Ohm/ Single N-Channel/ Logic Level Power MOSFET TRANSISTOR | MOSFET | ARRAY | N-CHANNEL | 30V V(BR)DSS | 10A I(D) | SO 10 A, 30 V, 0.0135 ohm, N-CHANNEL, Si, POWER, MOSFET, MS-012AA
|
INTERSIL[Intersil Corporation] Intersil, Corp.
|
FDB6676S FDP6676S FDB6676SS62Z |
76 A, 30 V, 0.0065 ohm, N-CHANNEL, Si, POWER, MOSFET, TO-263AB From old datasheet system 30V N-Channel PowerTrench SyncFET™ 30V N-Channel PowerTrench SyncFET⑩ 30V N-Channel PowerTrench SyncFET TM
|
Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
RF1K49157 |
6.3A, 30V, Avalanche Rated, Single N-Channel LittleFET Enhancement Mode Power MOSFET 6.3A, 30V, AVALANCHE RATED, SINGLE N-CHANNEL LITTLEFET⒙ ENHANCEMENT MODE POWER MOSFET 6.3A, 30V, Avalanche Rated, Single N-Channel LittleFETEnhancement Mode Power MOSFET
|
Fairchild Semiconductor Corporation
|
IRL3803S IRL3803SPBF IRL3803STRL IRL3803STRR IRL38 |
30V Single N-Channel HEXFET Power MOSFET in a D2-Pak package 30V Single N-Channel HEXFET Power MOSFET in a TO-262 package
|
International Rectifier
|
IRF7706 IRF7706TR |
-30V Single P-Channel HEXFET Power MOSFET in a TSSOP-8 package Power MOSFET(Vdss=-30V)
|
IRF[International Rectifier]
|