PART |
Description |
Maker |
ADP3808A |
High Efficiency Switch Mode Li-Ion Battery Charger
|
ON Semiconductor
|
SP6650 SP6650EU SP6650EU_TR |
High Efficiency 600mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
|
SIPEX[Sipex Corporation]
|
AM27C64-70LEB AM27C64-120LEB AM27C64-70/BXA AM27C6 |
Standalone Linear Li-Ion Battery Chargers with Thermal Regulation in DFN; Package: DFN; No of Pins: 8; Temperature Range: -40°C to 125°C Standalone Li-Ion Switch Mode Battery Charger; Package: DFN; No of Pins: 10; Temperature Range: -40°C to 125°C Coulomb Counter/Battery Gas Gauge; Package: MSOP; No of Pins: 10; Temperature Range: -40°C to 85°C Hot Swap Controller in 6-Lead SOT-23 Package; Package: SOT; No of Pins: 6; Temperature Range: -40°C to 85°C 4A, High Efficiency, Standalone Li-Ion Battery Charger; Package: SSOP; No of Pins: 16; Temperature Range: -40°C to 125°C x8 EPROM x8存储
|
Ironwood Electronics
|
TPC8105-H |
Field Effect Transistor Silicon P Channel MOS Type (High Speed U-MOSII) High Speed and High Efficiency DC .DC Converters Lithium Ion Battery Applications Notebook PCs Portable Equipment Applications
|
TOSHIBA
|
AAT3670ISK-4.2-T1 AAT3670 |
1.6A Dynamic Battery Charger and Power Manager The AAT3670 BatteryManager is a highly integrated single-cell lithium-ion/polymer (Li-ion) battery c
|
Analogic Corporation ANALOGICTECH[Advanced Analogic Technologies]
|
LTC4059LTC4059A LTC4059A LTC4059AEDCPBF LTC4059EDC |
900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 x 2 DFN; Package: DFN; No of Pins: 6; Temperature Range: -40°C to 125°C 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO6 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 ′ 2 DFN 900mA Linear Li-Ion Battery Chargers with Thermal Regulation in 2 垄楼 2 DFN 900mA linear Li-ion battery charger with thermal regulation.
|
LINEAR TECHNOLOGY CORP Linear Technology, Corp.
|
T63H0008A-DX T63H0008A-AX T63H0008A-BX |
Li-Ion/Polymer Battery for one-cell Protector Li-Ion/Polymer电池单细胞保
|
TM Technology, Inc.
|
LT3651-4.2 |
Monolithic 4A High Voltage Li-Ion Battery Charger
|
Linear Technology
|
SC805AMLTRT SC805AEVB |
Miniature Integrated High Current Lithium-Ion Battery Charger
|
Semtech Corporation
|
LT3650-8.2 |
(LT3650-8.2 / -8.4) High Voltage 2 Amp Monolithic Li-Ion Battery Charger
|
Linear Technology Corporation
|
SC803IMLTRT SC803 SC803IMLTR SC803EVB |
Fully Integrated High Current Lithium-Ion Battery Charger System
|
SEMTECH[Semtech Corporation]
|
SC801IMLTR SC801IMLTRT SC801EVB SC80104 |
Fully Integrated High Current Lithium-Ion Battery Charger System
|
Semtech Corporation
|