PART |
Description |
Maker |
TMQ80A-CL420 TMQ100A-CL420 TMQ200A-CL420 TMQ300A-C |
Topstek True RMS Current Transducer
|
Topstek Inc.
|
AD737 AD737AQ AD737BQ AD737JN AD737JR AD737JR-REEL |
Low Cost, Low Power, True RMS-to-DC Converter 622Mbps, Ultra-Low-Power, 3.3V Transimpedance Preamplifier for SDH/SONET Low Cost/ Low Power/ True RMS-to-DC Converter Low Cost, Low Power, True RMS-to-DC Converter RMS TO DC CONVERTER, 0.005 MHz, PDSO8
|
AD[Analog Devices] Analog Devices, Inc.
|
STK1040 |
Triac; Triac Type:Standard; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):10A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-202; Current, It av:10A; Holding Current:50mA
|
|
AD536ASD/883B |
Integrated Circuit True RMS-to-DC Converter; Package: Bottom-Brazed CerDIP; No of Pins: 14; Temperature Range: Military RMS TO DC CONVERTER, 0.09 MHz, CDIP14
|
Analog Devices, Inc.
|
STK16C88-S35 STK16C88-S45I STK16C88-S35I STK16C88- |
SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):25A; Peak Non Repetitive Surge Current, Itsm:350A; Gate Trigger Current Max, Igt:35uA NVRAM (EEPROM Based) SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):35A; Peak Non Repetitive Surge Current, Itsm:500A; Gate Trigger Current Max, Igt:40uA DIODE TVS 13V 500W AXL UNI 5% NVRAM中(EEPROM的基础 SCR Thyristor; SCR Type:Standard Gate; Peak Repetitive Off-State Voltage, Vdrm:800V; On-State RMS Current, IT(rms):65A; Peak Non Repetitive Surge Current, Itsm:950A; Gate Trigger Current Max, Igt:50uA
|
Electronic Theatre Controls, Inc.
|
STK12C68-5S30 STK12C68-5W30 |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:1000V; On-State RMS Current, IT(rms):16A; Gate Trigger Current (QI), Igt:35mA; Package/Case:3-TO-220; Current, It av:16A; Gate Trigger Current Max, Igt:35mA NVRAM (EEPROM Based) NVRAM中(EEPROM的基础
|
Electronic Theatre Controls, Inc.
|
BD437/D |
Triac; Triac Type:Alternistor; Peak Repetitive Off-State Voltage, Vdrm:200V; On-State RMS Current, IT(rms):12A; Gate Trigger Current (QI), Igt:50mA; Package/Case:3-TO-220; Current, It av:12A; Gate Trigger Current Max, Igt:50mA 塑料中功率硅NPN晶体
|
Crydom, Inc.
|
TES100 TES250 TES125 TES175 TES300 TES75 TES600 TE |
Topstek Current Transducers
|
http:// Topstek Inc.
|
TPH200A TPH50A TPH125A TPH175A TPH75A TPH37.5A TPH |
Topstek Current Transducers
|
Topstek Inc.
|
TW125A TW175A TW37.5A TW375A |
Topstek Current Transducers
|
Topstek Inc.
|
TQH75A TQH7.5A TQH37.5A TQH25A |
Topstek Current Transducer
|
Topstek Inc.
|