PART |
Description |
Maker |
SG1000 |
Split Third Port Telecommunications Optical Node Installation and Operation Manual
|
Motorola
|
14A-56-20B24 14A-5.0-16B14 14A-30-36B41 14A-2.5-28 |
SPLIT BOBBIN POWER TRANSFORMER, 56 VA Laminated Transformers Low Frequency, Open-Style Laminated, International PC Plug-In Series SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
PULSE ELECTRONICS CORP Pulse A Technitrol Company
|
640-980.0M 640-310.0M 640-384.05M 640-315.0M 640-3 |
One-Port 180隆? SAW One-Port 180掳 SAW One-Port 180° SAW Quartz Stability
|
Oscilent Corporation
|
IDT7133LA IDT7133SA IDT7143LA IDT7143SA IDT7133LA5 |
HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K x 16 Dual-Port RAM HIGH SPEED 2K X 16 DUAL-PORT SRAM HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 90 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CQFP68 30V N-Channel Logic Level PowerTrench MOSFET; Package: SuperSOT; No of Pins: 3; Container: Tape & Reel 2K X 16 DUAL-PORT SRAM, 35 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, PQCC68 150V N-Channel UltraFET Trench MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 25 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 INDUCT 22.8UH 4.9A 260KHZ KLIPMT 2K X 16 DUAL-PORT SRAM, 25 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 45 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CQFP68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 高2K × 16的CMOS双端口静态存储器 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQCC68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 70 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 400V N-Channel MOSFET; Package: TO-220; No of Pins: 3; Container: Rail 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 20 ns, PQFP100 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 35 ns, PQCC68 100V N-Channel Trench MOSFET 2K X 16 DUAL-PORT SRAM, 35 ns, CPGA68 HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS 2K X 16 DUAL-PORT SRAM, 55 ns, PQCC68
|
Integrated Device Techn... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
LP30-2.5B132 LP34-2.25B61 LP40-1.9B56 LP56-0.9B70 |
SPLIT BOBBIN POWER TRANSFORMER, 75 VA SPLIT BOBBIN POWER TRANSFORMER, 50 VA SPLIT BOBBIN POWER TRANSFORMER, 20 VA SPLIT BOBBIN POWER TRANSFORMER, 135 VA
|
Pulse Electronics, Corp. PULSE ELECTRONICS CORP
|
P6MG244R8ZS P6MG0503ZS P6MG0505ZS P6MG053R3ZS P6MG |
Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3.3/3.3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 5/5V (100/100mA), 3KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 3/3V (100/100mA), 3KV isolated 0.6-1W regulated dual split output 3KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 0,6 ?1 W REGULATED DUAL SPLIT OUTPUT DIP14 3KV ISOLATED 1 W REGULATED SINGLE OUTPUT DIP14 3KV ISOLATED 0,6 1 W REGULATED DUAL SPLIT OUTPUT DIP14 千伏隔震0,6瓦稳压双输出DIP14劈裂
|
PEAK[PEAK electronics GmbH]
|
P6CG244R8ZS P6CG0503ZS P6CG0505ZS P6CG054R8ZS P6CG |
Input voltage:12V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:24V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output Input voltage:5V, output voltage 4.85/4.85V (100/100mA), 1KV isolated 0.6-1W regulated dual split output P6CG-XXXXZS 1KV ISOLATED 0,6 - 1 W REGULATED DUAL SPLIT OUTPUT SIP7 P6CG - XXXXZS 1KV交隔0,6 - 1瓦稳压双输出SIP7劈裂
|
PEAK[PEAK electronics GmbH]
|
241-5-12A22 241-6-24A35 241-8-24A55 241-3-16A3 241 |
SPLIT BOBBIN POWER TRANSFORMER, 12 VA SPLIT BOBBIN POWER TRANSFORMER, 100 VA
|
Pulse Engineering, Inc. PULSE ELECTRONICS CORP
|
DP-241-8-20 241-6-20 241-8-24 |
SPLIT BOBBIN POWER TRANSFORMER, 100 VA SPLIT BOBBIN POWER TRANSFORMER, 30 VA
|
SIGNAL TRANSFORMER CO INC
|
PI3B16861 PI3B16861A PI3B16861B PI3B16861V PI3B168 |
3.3V, 20-Bit, 2-Port NanoSwitch? 3.3V, 20-Bit, 2-Port NanoSwitch⑩ 3.3V, 20-Bit, 2-Port NanoSwitch??/td>
| -
|
Pericom Semiconductor C... Pericom Semiconductor Corporation
|
|