PART |
Description |
Maker |
TA78L07F TA78L05F TA78L06F TA78L08F TA78L10F TA78L |
3-Terminal Positive Voltage Regulators 7V 3-Terminal Positive Voltage Regulators 5V 3-Terminal Positive Voltage Regulators 6V 3-Terminal Positive Voltage Regulators 8V 3-Terminal Positive Voltage Regulators 10V 3-Terminal Positive Voltage Regulators 15V 3-Terminal Positive Voltage Regulators 9V 3-Terminal Positive Voltage Regulators 12V 3-Terminal Positive Voltage Regulators 18V 3-Terminal Positive Voltage Regulators 20V
|
TOSHIBA
|
PSB483-7IR PSB246-2 PSB5A8-2 PSB123-7IR PSB125-7IR |
3...8 A Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器
|
http:// POWER-ONE[Power-One]
|
MAX631 MAX633XEJA MAX633XEPA MAX633XESA MAX633AEPA |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 抗辐射高效,5安培开关稳压器 CMOS Fixed/Adjustable Output Step-Up Switching Regulators
|
Maxim Integrated Produc... Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
2SB963 2SB963-Z 2SB963-ZK 2SB963-ZM 2SB963-ZL |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS BJT Preset/Adjustable Output CMOS Inverting Switching Regulators PNP SILICON EPITAXIAL DARLINGTON TRANSISTOR MP-3
|
NEC Corp. NEC[NEC]
|
LT1182CS LT1184CS |
CCFL/LCD Contrast Switching Regulators RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.25 A FLUORESCENT LIGHT CONTROLLER, 200 kHz SWITCHING FREQ-MAX, PDSO16
|
Linear Technology Corporation Linear Technology, Corp.
|
SG109T_883B SG109R SG309K SG309T SG109 SG109T JAN1 |
5 -VOLT FIXED VOLTAGE REGULATORS 5.05 V FIXED POSITIVE REGULATOR, MBCY3 FPC connectors, 1.25mm of mounting height on PCB, LIF structure, Over-molding structure, Flip-lock (one-touch rotating system), Horizontal staggered From old datasheet system Positive Fixed Linear Voltage Regulators 5 -VOLT FIXED VOLTAGE REGULATORS
|
Microsemi, Corp. MICROSEMI[Microsemi Corporation]
|
LT1500 LT1500CS LT1500CS-3 LT1500CS-5 LT1500IS LT1 |
RADIATION HARDENED HIGH EFFICIENCY, 5 AMP SWITCHING REGULATORS 1.3 A SWITCHING REGULATOR, 500 kHz SWITCHING FREQ-MAX, PDSO14 Adaptive-Frequency Current Mode Switching Regulators From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology]
|
TC2015 TC2014 |
The TC2014, TC2015, and TC2185 are high accuracy (typically ±0.4%) CMOS upgrades for older (bipolar) low dropout regulators such as the LP2980. Total supply current is typically 55A (20 to 60 times lower than in bipolar regulators!).
|
Microchip
|
LT1585-1.5 LT1585A-1.5 LT1585CT-1.5 LT1585ACM-1.5 |
7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed; Package: DD PAK; No of Pins: 3; Temperature Range: 0°C to 70°C Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V, 4.6A and 5A Low Dropout, Fast Response GTL Regulators Fixed 1.5V/ 4.6A and 5A Low Dropout/ Fast Response GTL Regulators
|
Linear Technology Corporation LINER[Linear Technology]
|
SP6203 SP6203EM5- SP6205ER-3.3 SP6205ER-3.0 SP6205 |
Low Noise, 300mA and 500mA CMOS LDO Regulators Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA00mA的CMOS LDO稳压 Low Noise, 300mA and 500mA CMOS LDO Regulators 低噪音,00mA500mA的CMOS LDO稳压 Circular Connector; No. of Contacts:37; Series:LJT06R; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:15; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:15-35 低噪音,00mA00mA的CMOS LDO稳压 CRYSTALS 10/15 -20 70 18PF 19.6608MHZ ATCUT FUND HC-49/US Low Noise / 300mA and 500mA CMOS LDO Regulators Low Noise 300mA and 500mA CMOS LDO Regulators
|
Advanced Semiconductor, Inc. SIPEX[Sipex Corporation]
|