PART |
Description |
Maker |
PCA9522D PCA9522DP |
Fast dual bidirectional bus buffer with hot insertion logic PCA9522D<SOT96|<<<1<Always Pb-free,;PCA9522DP<SOT505|<<<1<Always Pb-free,;
|
NXP Semiconductors N.V.
|
PCA9600 PCA9600D PCA9600DP |
Dual bidirectional bus buffer
|
NXP Semiconductors
|
PCA9306 |
Dual bidirectional I2C-bus and SMBus voltage-level translator
|
http://
|
PCA9306FMUTCG PCA9306AMUTCG NLV9306USG |
Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator Dual Bidirectional I2C-bus and SMBus Voltage-Level Translator
|
NXP Semiconductors
|
DP8308J DP7307J AM8308 DP8307N DP8307J DP8307NB AM |
(DP8308) Octal 3 State Bidirectional Bus Transceiver OCTAL THREE-STATE BIDIRECTIONAL BUS TRANSCEIVERS
|
Advanced Micro Devices AMD ETC[ETC] List of Unclassifed Manufacturers http://
|
SP5611KG SP5611KGMPAS SP5611SKG SP5611SKGMPAD |
1・3GHz Bidirectional I2C Bus Controlled Synthesiser 1.3 GHz的双向I2C总线控制合成 13GHz Bidirectional I2C Bus Controlled Synthesiser
|
Mitel Networks, Corp. Mitel Semiconductor
|
74ALVC2245 74ALVC2245MTC 74ALVC2245WM 74ALVC2245MT |
Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26?Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26-Ohm Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26 Series Resistors in B Outputs Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26з Series Resistors in B Outputs BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|TSSOP|20PIN|PLASTIC BUS TRANSCEIVER|SINGLE|8-BIT|AVC/ALVC-CMOS|SOP|20PIN|PLASTIC Dual J-K Negative-Edge-Triggered Flip-Flops With Clear and Preset 16-PDIP -40 to 85 ALVC/VCX/A SERIES, 8-BIT TRANSCEIVER, TRUE OUTPUT, PDSO20
|
FAIRCHILD[Fairchild Semiconductor] Fairchild Semiconductor Corporation 总线收发 Fairchild Semiconductor, Corp.
|
SP5655 SP5655KG SP5655KGMPAS SP5655SKG SP5655SKGMP |
2・7GHz Bidirectional I2C Bus Controlled Synthesiser 27GHz Bidirectional I2C Bus Controlled Synthesiser
|
MITEL[Mitel Networks Corporation]
|
MLL4744A MLL4750A MLL4733A MLL4759A MLL4741A MLL47 |
Zener Voltage Regulator Diode LEADLESS GLASS ZENER DIODES Dual Bi-Directional I2C-Bus and SMBus Voltage Level-Translator 8-US8 -40 to 85 10 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Remote 8-Bit I<sup>2</sup>C and Low-Power I/O Expander with Interrupt Output and Configuration Registers 16-SSOP -40 to 85 68 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB Dual Bidirectional I<sup>2</sup>C Bus and SMBus Repeater 8-SOIC -40 to 85 33 V, 1 W, SILICON, UNIDIRECTIONAL VOLTAGE REGULATOR DIODE, DO-213AB
|
MICROSEMI[Microsemi Corporation] Micro Commercial Components, Corp. Microsemi, Corp.
|
SP5524 SP5524SKGMPAS SP5524SKG SP5524SKGMPAD |
Bidirectional I2C Bus Controlled Synthesiser
|
ZARLINK[Zarlink Semiconductor Inc]
|
M8226 M8216 |
4-BIT PARALLEL BIDIRECTIONAL BUS DRIVER
|
INTEL[Intel Corporation]
|