PART |
Description |
Maker |
LMV321 |
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
|
Exar Corporation
|
AD7305 AD7305BN AD7305BR AD7305BRU AD7305YR AD7304 |
3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Parallel-IN 3V/ 5V, Rail-to-Rail Quad, 8-Bit DAC Serial-IN 3 V/ 5 V Rail-to-Rail Quad 8-Bit DAC 3 V/ 5 V/ Rail-to-Rail Quad/ 8-Bit DAC ECONOLINE: REC2.2-S_DR/H1 - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- UL94V-0 Package Material- Continuous Short Circiut Protection ECONOLINE: REC2.2-S_DRW(Z)/H* - 2.2W DIP Package- 1kVDC Isolation- Regulated Output- 4.5-9V, 9-18V, 18-36V, 36-72V Wide Input Range 2 : 1- UL94V-0 3 V/ 5 V, Rail-to-Rail Quad, 8-Bit DAC SERIAL INPUT LOADING, 1 us SETTLING TIME, 8-BIT DAC, PDSO16
|
AD[Analog Devices] Analog Devices, Inc.
|
OP747AR OP747ARU OP727 OP727AR OP727ARU OP777ARM O |
Precision Single Rail-to-Rail Output Single Supply Amplifier Precision Dual Rail-to-Rail Output Single Supply Amplifer Preliminary Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: SOIC; No of Pins: 14; Temperature Range: Industrial QUAD OP-AMP, 300 uV OFFSET-MAX, 0.7 MHz BAND WIDTH, PDSO14 Precision Quad Rail-to-Rail Output Single Supply Amplifier; Package: TSSOP; No of Pins: 14; Temperature Range: Industrial Precision Micropower Single-Supply Operational Amplifiers
|
AD[Analog Devices] Analog Devices, Inc. ANALOG DEVICES INC
|
OP196 OP496 OP496GS OP296 |
Micropower / Rail-to-Rail Input and Output Operational Amplifiers Micropower, Rail-to-Rail Input and Output Operational Amplifiers QUAD OP-AMP, 650 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO14
|
Analog Devices, Inc.
|
AD5313 AD5323 AD5303 AD5303BRU AD5313BRU AD5323BRU |
2.5 V to 5.5 V, 230 uA, Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs SERIAL INPUT LOADING, 6 us SETTLING TIME, 8-BIT DAC, PDSO16 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 12-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 8-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V, 230 A Dual Rail-to-Rail, Voltage Output 10-Bit DAC in a 16-Lead TSSOP Package 2.5 V to 5.5 V 230 uA Dual Rail-to-Rail Voltage Output 8-/10-/12-Bit DACs 2.5V to 5.5V, Dual Rail-to-Rail, Voltage Output 810/12-Bit DACs
|
AD[Analog Devices]
|
LT1810 LT1806 LT1807 |
325MHz, Single/Dual, Rail-to-Rail Input and Output, Low Distortion, Low Noise Precision Op Amps Dual 325MHz, Rail-to-Rail Input and Output, Low DistortionPrecision Op Amp
|
Linear Technology
|
TS922 TS922A TS922I 5150 |
From old datasheet system RAIL TO RAIL HIGH OUTPUT CURRENT DUAL OPERATIONAL AMPLIFIER RAIL TO RAIL HIGH OUTPUT CURRENT QUAD OPERATIONAL AMPLIFIER
|
STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
LT6202CS5 LT6202CS8 LT6203CS8 LT6202 LT6204 LT6204 |
Rail-to-Rail Input and Output, Ultralow 1.9n Root Hz Noise, Low Power Op Amps Single/Dual/Quad 100MHz, Rail-to-Rail Input and Output, Ultralow 1.9nVrtHz Noise, Low Power Op Amps
|
http:// Linear Technology Corporation LINER[Linear Technology]
|
AD8617ARMZ AD8613AKSZ-R2 AD8613AKSZ-REEL AD8613AUJ |
Low Cost Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifier; No of Pins: 8; Temperature Range: Industrial DUAL OP-AMP, 2200 uV OFFSET-MAX, 0.35 MHz BAND WIDTH, PDSO8 Low Cost Micropower, Low Noise CMOS Rail-to-Rail, Input/Output Operational Amplifiers
|
Analog Devices, Inc.
|
LT6234 LT6235 LT6233 LT6233IS6-10 LT6235CGN LT6233 |
60MHz, Rail-to-Rail Output, 1.9nV/rtHz, 1.15mA Op Amp Family 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family OP-AMP, 700 uV OFFSET-MAX, 375 MHz BAND WIDTH, PDSO6 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family DUAL OP-AMP, 550 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO8 60MHz, Rail-to-Rail Output, 1.9nV / SIGME Hz, 1.15mA Op Amp Family QUAD OP-AMP, 450 uV OFFSET-MAX, 60 MHz BAND WIDTH, PDSO16
|
LINER[Linear Technology] Linear Technology Corporation Linear Technology, Corp.
|
MC33501SNT1 MC33503SNT1 MC33501 MC33503 |
1.0 V, Rail-to-Rail, Single Operational Amplifiers OP-AMP, 7000 uV OFFSET-MAX, 4 MHz BAND WIDTH, PDSO5 1V, Rail-to-Rail, Single Operational Amplifier
|
ONSEMI[ON Semiconductor]
|
|