PART |
Description |
Maker |
T-30410 |
Primary DC Resistance 36 W Max, Secondary DC Resistance 47 W Max.
|
Rhombus Industries Inc.
|
SLE44C80S-V5-T85-C SLE44C80S-V5-F7-M4 SLE44C80S-V5 |
Security & Chip Card ICs Dials / Accessories; Series:DW22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Resistance Max:2kohm; Temperature Coefficient: /-20ppm/ C RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:2kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:2kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:10kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:10kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes Knob Potentiometer; Series:DC22; Track Resistance:5kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:5kohm RoHS Compliant: Yes Dials / Accessories; Series:DW22; Track Resistance:100kohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:1kohm; Resistance Tolerance: /- 5%; Power Rating:2W; Operating Temperature Range:-30 C to 85 C; Adjustment Type:Knob; Leaded Process Compatible:Yes; Resistance Max:1kohm RoHS Compliant: Yes 安全 Dials / Accessories; Series:DW22; Track Resistance:100ohm; Resistance Tolerance: 5%; Power Rating:2W; Operating Temperature Range:-30 C to C; Adjustment Type:Knob; Resistance Max:100ohm; Temperature Coefficient:20ppm/ C RoHS Compliant: Yes 安全 Turns Counting Dial; Number of Turns:10; Knob/Dial Style:Round Knurled; Body Material:Plastic; Shaft Size:1/4; Color:Black; Leaded Process Compatible:Yes RoHS Compliant: Yes 安全
|
INFINEON[Infineon Technologies AG]
|
BA682 |
Continuous reverse voltage:max. 35 V Low diode forward resistance:max. 0.7 to 1.2
|
TY Semiconductor Co., Ltd
|
PM3604-10-RC PM3602-33-B PM3602-100-RC PM3602-150- |
Power Inductor; Series:PM3600; Inductance:100uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 0.58, Series 0.29A; DC Resistance Max, Parallel:0.4ohm; DC Resistance Max, Series:1.6ohm Power Inductor; Series:PM3600; Inductance:150uH; Inductance Tolerance: /- 20 %; Terminal Type:PCB Surface Mount; Current Rating:Parallel 111, Series 444A; DC Resistance Max, Parallel:0.6ohm; DC Resistance Max, Series:2.4ohm
|
Bourns Inc.
|
AMC7584-5.0 AMC7584-ADJST AMC7584-XXTF AMC7584 AMC |
Plug-In Relay; Contacts:DPDT; Coil Voltage AC Max:120V; Contact Carry Current:120A; Coil Resistance:9000ohm; Relay Terminals:Solder Lug; Relay Mounting:Plug-In; Contact Carrying Power:0.45W; Contact Rating:5A; Mounting Type:Plug In A低压差稳压器 Cap-Free, NMOS, 150mA Low Dropout Regulator with Reverse Current Protection 无电容,NMOS管,150mA的低压差稳压器的反向电流保护 OSC 5V SMT PLAS 14X9 CMOS 7A LOW DROPOUT REGULATOR
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers ETC[ETC] ADD Microtech Corp
|
EL2160C-1 |
SWITCH, ON-OFF, BLK/BLK BTN; Switch function type:SPST Latching; Voltage, contact AC max:125V; Voltage, contact DC max:24V; Temp, op. max:85(degree C); Temp, op. min:-40(degree C); Diameter, panel cut-out:13.6mm; Length / Height, RoHS Compliant: Yes
|
Elantec Semiconductor
|
EL5132 EL5132IS-T7 EL5132IS EL5133IW-T7A EL5132IS- |
Rheostat; Series:RLS; Power Rating:150W; Resistance Max:25ohm; Terminal Type:Lugs; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes; Number of Turns:1; Resistance:25ohm 670MHZ LOW NOISE AMPLIFIERS
|
INTERSIL[Intersil Corporation]
|
1140-4R7M-RC 1140-101K-RC 1140-3R3M-RC 1140-681K-R |
RF Choke; Series:1140; Inductance:4.7uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:100uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.025ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.003ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:680uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.139ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:470uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:7.2A; DC Resistance Max:0.114ohm; Leaded Process Compatible:Yes; Body Material:Ferrite Very high current capacity Low DCR RF Choke; Series:1140; Inductance:82uH; Inductance Tolerance: /- 10 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:14.4A; DC Resistance Max:0.023ohm; Leaded Process Compatible:Yes; Body Material:Ferrite RF Choke; Series:1140; Inductance:2.2uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:27A; DC Resistance Max:0.002ohm; Leaded Process Compatible:Yes; Body Material:Ferrite
|
BOURNS INC Bourns Electronic Solutions
|
AP6680GM |
Low On-Resistance, High Vgs Max Rating Voltage
|
Advanced Power Electronics Corp.
|
2SK3365 |
Super low on-state resistance: RDS(on)1 = 14 m MAX. (VGS = 10 V, ID = 15 A)
|
TY Semiconductor Co., Ltd
|