PART |
Description |
Maker |
LM317LBD LM317LBZ LM317LD LM317L_D ON0304 LM317LZ |
From old datasheet system LOW CURRENT THREE-ERMINAL LOW CURRENT THREE.TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
|
ONSEMI[ON Semiconductor] Motorola, Inc
|
MSK5275-1.8H MSK5275-1.9 MSK5275-1.7E MSK5275-1.9H |
JO75LOW DROPOUT MICROPOWER VOLTAGE REGULATOR 1300 mA, Low Dropout Voltage Regulator with On/Off Control 175 175 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 Commercial Wire; FLT01VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 3.3 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3 VERY HIGH CURRENT, LOW DROPOUT SURFACE MOUNT VOLTAGE REGULATORS 1.5 V FIXED POSITIVE LDO REGULATOR, 0.6 V DROPOUT, CBCC3
|
M.S. Kennedy, Corp. MS KENNEDY CORP
|
RHFL4913S50-04V 5962F0253401VXA 5962F0253401VXC 59 |
THREE-TERMINAL POSITIVE FIXED VOLTAGE REGULATORS 三端固定电压调节 Standard Recovery Rectifier; Forward Current:20A; Forward Current Average:12.7A; Forward Current Avg Rectified, IF(AV):12.7A; Forward Surge Current Max, Ifsm:300A; Forward Voltage:1.1V; Forward Voltage Max, VF:1.1V RoHS Compliant: Yes RAD-HARD POSITIVE FIXED VOLTAGE REGULATORS
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
IL1085 |
IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 А IC of adjustable voltage regulator of positive polarity with low residual voltage and load current 3 ? 集成电路的低电压和负载剩余电?正极性可调的电压调节
|
INTEGRAL[Integral Corp.]
|
MCP1701T-3 MCP1701 MCP1701T-33021_CB MCP1701T-3302 |
2uA Low Dropoout Positive Voltage Refulator The MCP1701 is a CMOS low dropout positive voltage regulator with a maximum input voltage of 10V that can source up to 250mA with ...
|
MICROCHIP[Microchip Technology]
|
LM78L08Q8 |
Low Current Positive Voltage Regulator
|
Cystech Electonics Corp...
|
PL78L08XM3 |
Low Current Positive Voltage Regulator
|
CYPRESS[Cypress Semiconductor]
|
PL7815XE3 |
Low Current Positive Voltage Regulator
|
Cystech Electonics
|
MC78L00 |
Three-Terminal Low Current Positive Voltage Regulators
|
Vishay
|
MC78L12BP MC78L08BP |
Three-Terminal Low Current Positive Voltage Regulator
|
MCC[Micro Commercial Components]
|
MC78L08BP-AP MC78L08BP-BP MC78L08BP10 |
Three-Terminal Low Current Positive Voltage Regulator
|
http:// Micro Commercial Components
|