PART |
Description |
Maker |
KO103C-701 K100204 |
KEYLOCK SWITCHES Contact Resistance : 10m-OHMS
|
E-SWITCH
|
EG1218 P040040 |
CONTACT RESISTANCE: 50MILLI-OHMS Max All Dimension In MM
|
E-SWITCH
|
IDTQS3R245 QS3R245_DS_47627 QS3R245Q |
8-Bit, 2.5 ohms Resistance Bus Switch HIGH-SPEED CMOS QUICKSWITCH 8-BIT LOW RESISTANCE BUS SWITCH From old datasheet system
|
IDT[Integrated Device Technology]
|
M28C64-A25NS1T M28C64-A20MS1T M28C64-A20MS3T M28C6 |
64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection 64千位8K的8并行EEPROM,带有软件数据保 SWITCH, DPDT; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, op. RoHS Compliant: Yes SWITCH, DPDT, LOCKING; Thread size:1/4 x 40UNS; Switch function type:DPDT On-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes SWITCH, DPDT, BIASED; Thread size:1/4 x 40UNS; Switch function type:DPDT On-Mom; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:8A; Material, contact:Silver; Resistance, contact:10mR; Temp, RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Leaded Process Compatible:Yes; Mounting Type:Solder Lug RoHS Compliant: Yes 64 Kbit 8K x 8 Parallel EEPROM With Software Data Protection
|
STMicroelectronics N.V. 意法半导
|
P-MUSB-A511-XX |
CONTACT RESISTANCE
|
Amphenol Corporation
|
SKPM |
Low Contact Resistance
|
ALPS ELECTRIC
|
01-1392-G8717 03-1392-G8726 03-1392-G8725 01-1392- |
DICHTUNG D FORM 12.7X9.5MM 10M DICHTUNG RECHTWINKLIG 12.7X6.4MM 10M DICHTUNG RECHTWINKLIG 6.4X3.3MM 5M DICHTUNG QUADRATISCH 5.1X5.1MM 10M DICHTUNG QUADRATISCH 9.5X9.5MM 5M DICHTUNG D FORM 12.7X9.5MM 5M DICHTUNG D FORM 9.5X6.4MM 5M DICHTUNG QUADRATISCH 5.1X5.1MM 5M DICHTUNG QUADRATISCH 9.5X9.5MM 10M DICHTUNG D FORM 3.6X2.5MM 10M DICHTUNG D FORM 9.5X6.4MM 10M ABSCHIRMSTREIFEN DICHTUNG RECHTWINKLIG 12.7X6.4MM 5M 诗RECHTWINKLIG 12.7X6.4MM 500 DICHTUNG D FORM 3.6X2.5MM 5M 诗D3.6X2.5MM 500 DICHTUNG RECHTWINKLIG 6.4X3.3MM 10M 诗RECHTWINKLIG 6.4X3.3MM 1000
|
TE Connectivity, Ltd. Ecliptek, Corp.
|
MSC23436B-XXDS10 MSC23436B MSC23436B-XXBS10 MSC234 |
4,194,304 Word By 36-Bit DYNAMIC RAM MODULE : FAST PAGE MODE TYPE SWITCH, SPDT, CTR OFF; Thread size:1/4 x 40UNS; Switch function type:SPDT On-Off-On; Current, contact @ contact voltage AC max:3A; Current, contact @ contact voltage DC max:6A; Material, contact:Silver; Resistance, contact:10mR; RoHS Compliant: Yes Toggle Switch; Circuitry:SPDT; Switch Operation:On-Off-On; Contact Current Max:6A; Actuator Style:Bat; Switch Terminals:Solder Lug; Current Rating:3A; Leaded Process Compatible:Yes; Mounting Type:Panel; Features:Standard Actuator RoHS Compliant: Yes SSR AS 230V 100A 0-10V
|
OKI electronic components OKI[OKI electronic componets] OKI SEMICONDUCTOR CO., LTD.
|
RCMT0221501BES03 RCMT2057602FHB25 VISHAYSFERNICE-R |
Film/Foil Resistor, RES,AXIAL,METAL FILM,21.5K OHMS,300WV,.1% /-TOL,-25,25PPM TC RCMT Molded Metal Film High Stability (< 0.25 % after 1000 h) High Temperature (up to 175 °C) Precision Resistors Film/Foil Resistor, RES,AXIAL,METAL FILM,82.5 OHMS,350WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,24.9K OHMS,200WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,10K OHMS,400WV,1% /-TOL,-50,50PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100K OHMS,400WV,1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,100 OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,104K OHMS,400WV,.1% /-TOL,-15,15PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,18K OHMS,300WV,.1% /-TOL,-25,25PPM TC Film/Foil Resistor, RES,AXIAL,METAL FILM,2.1K OHMS,200WV,.5% /-TOL,-50,50PPM TC
|
Vishay Sfernice
|
0731740113 |
75 Ohms, BNC Plug, Crimp, RG-59 and RG-62 Cable, Captive Center Contact
|
Molex Electronics Ltd.
|
|