PART |
Description |
Maker |
ACLM4538C3R1K ACLM4538C36 ACLM4538C371K ACLM4538C3 |
100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C36 100 MHz - 1100 MHz RF/MICROWAVE LIMITER HERMETIC SEALED, CASE C37 1000 MHz - 8000 MHz RF/MICROWAVE LIMITER 1000 MHz - 4000 MHz RF/MICROWAVE LIMITER 500 MHz - 18000 MHz RF/MICROWAVE LIMITER
|
|
AFS1-00120025-10-13P-4 AFS2-21202400-35-5P-2 AFS4- |
120 MHz - 250 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 21200 MHz - 24000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 500 MHz - 1000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 6000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 100 MHz - 10000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 8000 MHz - 12000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 13200 MHz - 14000 MHz RF/MICROWAVE NARROW BAND LOW POWER AMPLIFIER 100 MHz - 4000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER 2000 MHz - 8000 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER 7300 MHz - 8400 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER
|
MITEQ INC
|
60AS110-K40B1 51AS103-K30A4 53ASA02-K50A3 K02 |
0 MHz - 8000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 2000 MHz RF/MICROWAVE FIXED ATTENUATOR 0 MHz - 1000 MHz 50 ohm RF/MICROWAVE TERMINATION
|
ROSENBERGER HOCHFREQUENZTECHNIK GMBH & CO KG
|
MACP-009596-CA0160 MACP-009596-CA01TB |
5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.7 dB INSERTION LOSS-MAX ROHS COMPLIANT, CASE SM-22, 5 PIN E-Series Coupler 5 to 1000 MHz
|
M/A-COM Technology Solutions, Inc.
|
TOAT-3610 |
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz 10 MHz - 1000 MHz RF/MICROWAVE VARIABLE ATTENUATOR
|
Mini-Circuits
|
3-28-109 3-05-109 3-10-109 3-08-109 3-04-109 3-03- |
Low-Power, Single-/Dual-Level Battery Monitors with Hysteresis and Integrated µP Reset Fixed Attenuators 18325 GHz 固定衰减18325千兆 33000 MHz - 50000 MHz RF/MICROWAVE FIXED ATTENUATOR 40000 MHz - 60000 MHz RF/MICROWAVE FIXED ATTENUATOR 18000 MHz - 26500 MHz RF/MICROWAVE FIXED ATTENUATOR 220000 MHz - 325000 MHz RF/MICROWAVE FIXED ATTENUATOR
|
TE Connectivity, Ltd.
|
ESDC-17-3-75 |
5 MHz - 1000 MHz RF/MICROWAVE DIRECTIONAL COUPLER, 1.3 dB INSERTION LOSS-MAX E-Series Coupler 5-1000 MHz
|
Tyco Electronics
|
HMC599ST89 HMC599ST89E |
50 MHz - 960 MHz RF/MICROWAVE WIDE BAND LOW POWER AMPLIFIER GaAs pHEMT MMIC LNA, 75 Ohm 50 - 1000 MHz
|
HITTITE MICROWAVE CORP Hittite Microwave Corpo...
|
1014-6A |
1000-1400 MHz, 28V, Class C, Common Base; fO (MHz): 1400; P(out) (W): 6; P(in) (W): 1.2; Gain (dB): 7; Vcc (V): 28; Cob (pF): 3.5; Case Style: 55LV-1 L BAND, Si, NPN, RF POWER TRANSISTOR 6 Watts - 28 Volts, Class C Microwave 1000 - 1400 MHz
|
Microsemi, Corp. Microsemi Corporation
|
4CR1750 4CK1750 4CK1950 2CK1900 4CL1450 |
1700 MHz - 1800 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1900 MHz - 2000 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1850 MHz - 1950 MHz RF/MICROWAVE DIRECTIONAL COUPLER 1400 MHz - 1500 MHz RF/MICROWAVE DIRECTIONAL COUPLER
|
PANASONIC CORP
|
CU41K3A1P-902.5-1T CU42K2B1P-1489-1T CU41K3B1P-147 |
890 MHz - 915 MHz RF/MICROWAVE ISOLATOR 1477 MHz - 1501 MHz RF/MICROWAVE ISOLATOR 1465 MHz - 1477 MHz RF/MICROWAVE ISOLATOR 776 MHz - 824 MHz RF/MICROWAVE ISOLATOR
|
Samtec, Inc.
|
ADA10000RS3P1 ADA10000RS24Q1 |
50 MHz - 1000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER ROHS COMPLIANT, S3, SOIC-16 50 MHz - 1000 MHz RF/MICROWAVE WIDE BAND MEDIUM POWER AMPLIFIER ROHS COMPLIANT, S24, TO-243AA, SOT-89, 3 PIN
|
ANADIGICS, Inc.
|