PART |
Description |
Maker |
21.305.0853.0 21.341.5653.0 21.305.1053.0 21.305.0 |
Terminal Block; No. of Positions:8; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; No. of Contacts:8 RoHS Compliant: Yes 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:10; Peak Reflow Compatible (260 C):No 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:4; Pitch Spacing:0.315"; Wire Size (AWG):22-16; Mounting Type:Panel; Number of Contacts:4 10 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.531"; Wire Size (AWG):22-10; Mounting Type:Panel; Number of Contacts:8 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:8; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Leaded Process Compatible:No; Number of Contacts:8; Peak Reflow Compatible (260 C):No 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Mounting Type:Panel RoHS Compliant: Yes 65 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:10; Pitch Spacing:0.571"; Wire Size (AWG):22-6; Mounting Type:Panel; Number of Contacts:10 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; No. of Positions:5; Pitch Spacing:14.5mm; Wire Size (AWG):6-22; Mounting Type:Panel; Color:Ivory 75 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:6; Pitch Spacing:0.472"; Wire Size (AWG):22-12; Mounting Type:Panel; Number of Contacts:6 40 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 20 A, STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
Wieland Electric, Inc. WIELAND ELECTRIC INC
|
16220-1UL PDB371-3 |
175 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK 310 A, BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK
|
COOPER INDUSTRIES
|
38720-7520 38720-7519 38720-6321 38720-8108 38720- |
SR BTS PC 20 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 19 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 21 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PCWRDY 8 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 13 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK SR BTS PC 26 ASY C BARRIER STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Molex, Inc.
|
C4002-401 |
STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
AST0652213 AST0650205 |
STRIP TERMINAL BLOCK
|
|
25.820.3353.0 25.820.3253.0 25.820.3653.0 |
Terminal Block; No. of Positions:3; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:2; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK Terminal Block; No. of Positions:6; Pitch Spacing:0.197"; Wire Size (AWG):22-12; Mounting Type:PC Board RoHS Compliant: Yes 12 A, STRIP TERMINAL BLOCK, 1 ROW, 1 DECK
|
Wieland Electric, Inc.
|
38760-0110 38760-0102 |
CB BTS STD 10 ASY BARRIER STRIP TERMINAL BLOCK, 2 ROWS, 1 DECK Terminal Block; Number of Positions:2; Pitch Spacing:0.375"; Wire Size (AWG):24-12; Mounting Type:Screw; Body Material:Glass-Filled Thermoplastic; Contact Plating:Zinc Chrome; Current Rating:20A; Number of Rows:2
|
Molex, Inc. MOLEX INC
|
71815-58 71518-47 71518-E 71518-C 71503-V 71317-59 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
940821-G30 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
18023-50 18318-59 18108-59 18015-66 18005-47 |
BARRIER STRIP TERMINAL BLOCK
|
BEAU INTERCONNECT
|
|