PART |
Description |
Maker |
KM416C1004CJ-5 KM416C1004CJ-6 KM416C1004CJL-6 KM41 |
1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=64ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, self-refresh 1M x 16Bit CMOS dynamic RAM with extended data out, 50ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 60ns, VCC=5.0V, refresh period=16ms 1M x 16Bit CMOS dynamic RAM with extended data out, 45ns, VCC=5.0V, self-refresh
|
Samsung Electronic
|
A42L2604S-45L A42L2604S-50L A42L2604V-45L A42L2604 |
45ns; refresh recycle:2K; 4M x 4bit CMOS dynamic RAM with EDO page mode 50ns; refresh recycle:2K; 4M x 4bit CMOS dynamic RAM with EDO page mode 4M X 4 CMOS DYNAMIC RAM WITH EDO PAGE MODE
|
AMIC Technology
|
IS42VM16800G IS42SM16800G-6BLI IS42VM16800G-6BLI I |
Auto refresh and self refresh 2M x 16Bits x 4Banks Mobile Synchronous DRAM
|
Integrated Silicon Solu...
|
HM5165805FL HM5165805FLJ-6 HM5165805FTT-5 HM516580 |
64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
|
HITACHI[Hitachi Semiconductor]
|
HM5165805F HM5165805FJ HM5165805FJ-5 HM5165805FJ-6 |
64 MEDO DRAM (8-Mword X 8-bit) 8 k Refresh/4 k Refresh
|
Hitachi Semiconductor
|
IS42VM16160K |
Auto refresh and self refresh
|
Integrated Silicon Solu...
|
HYB5116405BJ-50 HYB5116405BJ-60 HYB5117405BJ-70 HY |
4M x 4-Bit Dynamic RAM 2k & 4k Refresh 4M X 4 EDO DRAM, 70 ns, PDSO24 POWERLINE: RP12-S_DA - 2:1 Wide Input Voltage Range- 12 Watts Output Power- 1.6kVDC Isolation- Over Current Protection- Five-Sided Continuous Shield- Standard DIP24 and SMD-Pinning- Efficiency to 88% 4M x 4-Bit Dynamic RAM 2k & 4k Refresh
|
SIEMENS A G SIEMENS AG http:// Siemens Semiconductor G...
|
KMM372F3200BK3 KMM372F3280BK3 KMM372F400CK KMM372F |
32M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V 4M x 72 DRAM DIMM with ECC using 4Mx4, 4K 2K Refresh, 3.3V
|
Samsung Electronic Samsung semiconductor
|
KMM372F1600BK KMM372F1600BS KMM372F1680BK KMM372F1 |
2M x 72 DRAM DIMM with ECC using 2Mx8, 2K Refresh, 3.3V 16M x 72 DRAM DIMM with ECC using 16Mx4, 4K 8K Refresh, 3.3V
|
Samsung Electronic Samsung semiconductor
|
M464S0924CT2 M464S1724CT2 |
8M x 64 SDRAM SODIMM based on 8M x 16, 4Banks, 4K Refresh, 3.3V Synchronous DRAMs with SPD Datasheet 16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD Serial Presence Detect
|
Samsung Electronic
|
M464S1724DTS-C1H M464S1724DTS-L7C M464S1724DTS M46 |
16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD 16Mx64M × 16位的SODIMM内存BanksK的刷新,3.3V的同步DRAM的社民党 16Mx64 SDRAM SODIMM based on 8Mx16 / 4Banks /4K Refresh / 3.3V Synchronous DRAMs with SPD 16Mx64 SDRAM SODIMM based on 8Mx164Banks4K Refresh3.3V Synchronous DRAMs with SPD 16Mx64 SDRAM SODIMM based on 8Mx16,4Banks,4K Refresh,3.3V Synchronous DRAMs with SPD Data Sheet
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD. SAMSUNG[Samsung semiconductor] Samsung Electronic
|
KM41C4000DLJ-6 KM41V4000DLJ-6 KM41V4000DLJ-7 KM41C |
4M x 1Bit CMOS dynamic RAM with fast page mode, 5V, 128ms refresh, 60ns 4M x 1Bit CMOS dynamic RAM with fast page mode, 3.3V, 128ms refresh, 60ns 4M x 1Bit CMOS dynamic RAM with fast page mode, 3.3V, 128ms refresh, 70ns 4M x 1Bit CMOS dynamic RAM with fast page mode, 5V, 128ms refresh, 50ns 4M x 1Bit CMOS dynamic RAM with fast page mode, 5V, 128ms refresh, 70ns
|
Samsung Electronic
|