PART |
Description |
Maker |
TR-7010 |
2m SSB Transceiver Manual
|
Kenwood
|
AN90 |
CS8904 Quad 10BASE-T Ethernet Transceiver Technical Reference Manual
|
Cirrus Logic
|
ISL83384E |
RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown Disables Transmitters/Receivers
|
Intersil
|
5B24D 12B24D 24B24D 12B12D 5B12D 5B5S 5B9S 5B5D 5B |
µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset Transmit Line Interface Low-RON, Dual-SPST/Single-SPDT Clickless Switches with Negative Rail Capability Dual/Triple Ultra-Low-Voltage SOT23 µP Supervisory Circuits 5-Pin µP Supervisory Circuits with Watchdog and Manual Reset Low-Power, Slew-Rate-Limited RS-485/RS-422 Transceivers Receive Line Interface T1 Transceiver Analog IC 模拟IC µP Supervisory Circuits with Windowed (Min/Max) Watchdog and Manual Reset 模拟IC
|
Electronic Theatre Controls, Inc. ITT, Corp. Glenair, Inc.
|
MAX6821 MAX6822 MAX6823 MAX6824 MAX6825 MAX6823SUK |
2.93 V, low-power mP supervisor with manual reset and watchdog timer Low-Voltage SOT23 ?? Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 μP Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 ?P Supervisors with Manual Reset and Watchdog Timer Low-Voltage SOT23 レP Supervisors with Manual Reset and Watchdog Timer 8-Bit Shift Registers With Input Latches 20-LCCC -55 to 125 Low-Voltage SOT23 µP Supervisors with Manual Reset and Watchdog Timer 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO5 2.63 V, low-power mP supervisor with manual reset and watchdog timer
|
MAXIM INTEGRATED PRODUCTS INC MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor
|
IE-784928-NS-EM1 |
IE-784928-NS-EM1 User's Manual | User's Manual[04/1999] IE-784928-NS-EM1 Users Manual | Users Manual[04/1999] IE浏览 784928 -纳秒- EMI的用户手册|用户手册[04/1999]
|
Positronic Industries, Inc.
|
MAX6452 MAX6446 MAX6448 MAX6443-MAX6452 MAX6444USL |
4.625 V, mP reset circuit with long manual reset setup period 2.925 V, mP reset circuit with long manual reset setup period 2.313 V, mP reset circuit with long manual reset setup period µP Reset Circuits with Long Manual Reset Setup Period レP Reset Circuits with Long Manual Reset Setup Period From old datasheet system ?P Reset Circuits with Long Manual Reset Setup Period μP Reset Circuits with Long Manual Reset Setup Period 1.575 V, mP reset circuit with long manual reset setup period 2.625 V, mP reset circuit with long manual reset setup period
|
MAXIM - Dallas Semiconductor Maxim Integrated Products, Inc.
|
S9S12G128F0MLH S9S12G48F1CLC S9S12G64F0MLF SW9S12G |
S12 CPU core, Up to 240 Kbyte on-chip flash with ECC Microcontrollers Reference Manual and Date Sheet MC9S12G Family Reference Manual and Data Sheet
|
Freescale Semiconductor, Inc Freescale Semiconductor, In...
|
ICL3221E ICL3222E ICL3223E ICL3232E |
RS-232 Transceiver, 1T/1R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000), Manual Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15 KV ESD (IEC61000), Auto Powerdown RS-232 Transceiver, 2T/2R, 3V to 5.5V, 250kbps, 15KV ESD (IEC61000)
|
Intersil
|
ADM6823TYRJZ-RL7 ADM6823WYRJZ-RL7 ADM6823TYRJ-R7 A |
Low Voltage Supervisory Circuit with Watchdog, Manual Reset and Active-Low, Push-Pull Reset Output; Package: SOT-23; No of Pins: 5; Temperature Range: Industrial 1-CHANNEL POWER SUPPLY MANAGEMENT CKT, PDSO5 Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT- Low Voltage Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
|
Analog Devices
|
IE-789136-NS-EM1 |
IE-789136-NS-EM1 User's Manual | User's Manual[07/2002] IE浏览 789136 -纳秒- EMI的用户手册|用户手册[07/2002]
|
Fujitsu, Ltd.
|