PART |
Description |
Maker |
STM32F103B STM32F1038 STM32F103V8 CD00161566 STM32 |
Mainstream Performance line, ARM Cortex-M3 MCU with 64 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 128 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN nullMedium-density performance line ARM-based 32-bit MCU Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 com. interfaces
|
ST Microelectronics STMicroelectronics
|
STM32F103VDH6 STM32F103VDH6TR STM32F103ZDH6 STM32F |
Mainstream Performance line, ARM Cortex-M3 MCU with 384 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN Mainstream Performance line, ARM Cortex-M3 MCU with 512 Kbytes Flash, 72 MHz CPU, motor control, USB and CAN
|
ST Microelectronics
|
STM8S208KBT3 STM8S208R8T3B STM8S208R8T6C STM8S208R |
Mainstream Performance line 8-bit MCU with 128 Kbyes Flash, 24 MHz CPU, integrated EEPROM Mainstream Performance line 8-bit MCU with 12 Kbytes Flash, 24 MHz CPU, integrated EEPROM Performance line, 24 MHz STM8S 8-bit MCU, up to 128 KB Flash Mainstream Performance line 8-bit MCU with 64 Kbytes Flash, 24 MHz CPU, integrated EEPROM Mainstream Performance line 8-bit MCU with 32 Kbytes Flash, 24 MHz CPU, integrated EEPROM
|
STMicroelectronics ST Microelectronics
|
AS1122B-BQFT |
12-Channel LED Dr iver wi th Dot Cor rect ion and Greyscale PWM
|
austriamicrosystems AG
|
STM32F105XX |
Connectivity line ARM-based 32-bit MCU
|
STMicroelectronics
|
STM32F103XC STM32F103RC STM32F103RD STM32F103RE ST |
Performance line, ARM-based 32-bit MCU with up to 512 KB Flash, USB, CAN, 11 timers, 3 ADCs and 13 communication interfaces
|
STMicroelectronics
|
STM32F101R8 STM32F101V8 STM32F101VB STM32F101C8 |
Medium-density access line, ARM-based 32-bit MCU with 64 or 128 KB Flash, 6 timers, ADC and 7 communication interfaces
|
STMicroelectronics
|
PCE-5B05V-30A1E PCE-5B06V-04A1E PCE-5B12D-04A1E PC |
Mainstream Backplanes
|
Advantech Co., Ltd.
|
STM32F103VBT6TR STM32F103VBT6XXX STM32F103VBT7TR S |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics
|
STM32F103V8 STM32F103RBU6TR STM32F103RBU6XXX STM32 |
Medium-density performance line ARM-based 32-bit MCU with 64 or 128 KB Flash, USB, CAN, 7 timers, 2 ADCs, 9 communication interfaces
|
STMicroelectronics http://
|
STM32F103ZEH7XXX STM32F103ZEH6XXX STM32F103VET7XXX |
High-density performance line ARM-based 32-bit MCU with 256 to 512KB Flash, USB, CAN, 11 timers, 3 ADCs, 13 communication interfaces
|
STMicroelectronics
|
STM32L011K3 STM32L011G4 STM32L011K4 |
Access line ultra-low-power 32-bit MCU ARM-based Cortex-M0 , up to 16KB Flash, 2KB SRAM, 512B EEPROM, ADC
|
STMicroelectronics
|