PART |
Description |
Maker |
30WQ10F 30WQ09F |
90V 3.3A Schottky Discrete Diode in a D-Pak package SCHOTTKY RECTIFIER 3.3 Amp 3.3 Amp Schottky Rectifier(3.3 A 肖特基整流器)
|
IRF[International Rectifier]
|
48CTQ060 48CTQ060S 48CTQ060-1 48CTQ060STRL 48CTQ06 |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 40 Amp SCHOTTKY RECTIFIER 41 Amp SCHOTTKY RECTIFIER 42 Amp 60V 40A Schottky Common Cathode Diode in a TO-262 package 60V 40A Schottky Common Cathode Diode in a D2-Pak package
|
IRF[International Rectifier]
|
MBRD660CTT4G MBRD640CTT4 MBRD640CTT4G MBRD620CT MB |
Rectifier 6A 50V Schottky 6A 30V Schottky Rectifier Rectifier 6A 20V Schottky 6A 60V Schottky Rectifier SWITCHMODE Power Rectifiers 6A 40V Schottky Rectifier
|
ONSEMI[ON Semiconductor]
|
CP108 |
From old datasheet system Schottky Rectifier, Schottky Barrier Rectifier Chip - 2.0 Amp
|
CENTRAL[Central Semiconductor Corp]
|
OM4201ST OM4201SR |
HERMETIC TO-257AA DUAL POWER SCHOTTKY RECTIFIER 20A 45V Hi-Rel Schottky Common Cathode Diode in a D2 package 16 Amp, 45 Volt Rating Center-Tap Rectifier
|
ETC[ETC] List of Unclassifed Manufacturers
|
CPD81 |
Chip Form: SILICON SCHOTTKY DIODE Schottky Rectifier 5 Amp Schottky Barrier Rectifier Chip
|
Central Semiconductor Corp
|
SS210 SS210-TP SS22-TP SS25-TP SS28-TP |
Lead Free Finish/Rohs Compliant (Note1) (PSuffix designates Compliant. See ordering information) 2 Amp Schottky Rectifier 20 to 100 Volts 2 Amp Schottky Rectifier 20 to 100 Volts
|
Micro Commercial Components Micro Commercial Compon...
|
MBRS120 MBRS120TR |
20V 1A Schottky Discrete Diode in a SMB package SCHOTTKY RECTIFIER 1 Amp
|
ON Semiconductor IRF[International Rectifier]
|
95SQ015 95SQ015TR |
15V 9A Schottky Discrete Diode in a DO-204AR package SCHOTTKY RECTIFIER 9 Amp
|
IRF[International Rectifier]
|
6TQ035 10TQ040 MBR730 MS1004 6TQ040 MS1002 MS1003 |
Schottky Rectifier 10 AMP SCHOTTKY BARRIER RECTIFIERS From old datasheet system N/A
|
MICROSEMI[Microsemi Corporation]
|
30CTQ-1 30CTQS 30CTQ 30CTQ080 |
80V 30A Schottky Common Cathode Diode in a TO-220AB package SCHOTTKY RECTIFIER 30 Amp
|
International Rectifier
|
15TQ060S 15TQ060 15TQ060STRL |
SCHOTTKY RECTIFIER SCHOTTKY RECTIFIER 肖特基整流器 SCHOTTKY RECTIFIER 15 Amp 60V 15A Schottky Discrete Diode in a D2-Pak package 60V 15A Schottky Discrete Diode in a TO-220AC package
|
International Rectifier, Corp. IRF[International Rectifier]
|