PART |
Description |
Maker |
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT25040-10SC AT25040-10SC-1.8 AT25040-10SC-2.7 AT2 |
SPI serial EEPROM 4K(512 x 8), 2100kHz SPI serial EEPROM 4K(512 x 8), 500kHz
|
Atmel
|
M24512 M24512BN 6757 MM24512-MJ5T MM24512-MJ6T MM2 |
From old datasheet system 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I2C Bus EEPROM
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
AM29F040B-1 AM29F040B-120EC AM29F040B-120EE AM29F0 |
From old datasheet system EEPROM,FLASH,512KX8,CMOS,DIP,32PIN,PLASTIC 4 Mbit (512 K x 8-Bit) 4 Megabit (512 K x 8-Bit) CMOS 5.0 Volt-only, Uniform Sector Flash Memory
|
AMD[Advanced Micro Devices] AMD Inc
|
IDT72235LB IDT72205LB IDT72225LB IDT72215LB IDT722 |
4K x 18 SyncFIFO, 5.0V 2K x 18 SyncFIFO, 5.0V 1K x 18 SyncFIFO, 5.0V 512 x 18 SyncFIFO, 5.0V 256 x 18 SyncFIFO, 5.0V CMOS SyncFIFO? Low Voltage 28-Bit Flat Panel Display Link Serializers; Package: TSSOP; No of Pins: 56; Container: Tape & Reel TUBING, TFE 20GA TUBE, THN, TEF, NAT, 24AWG 256 X 18 OTHER FIFO, 10 ns, PQFP64 PLASTIC, TQFP-64 256 X 18 OTHER FIFO, 15 ns, PQFP64 PLASTIC, TQFP-64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 256 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 512 X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 4K X 18 OTHER FIFO, 15 ns, PQFP64 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 的CMOS SyncFIFOO 256 × 1812 × 18024 × 18048 × 18096 × 18 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 1K X 18 OTHER FIFO, 6.5 ns, PQCC68 CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18 2K X 18 OTHER FIFO, 6.5 ns, PQFP64
|
http:// IDT[Integrated Device Technology] Integrated Device Technology, Inc. Cypress Semiconductor, Corp. INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technolog...
|
S7171-0909-01 |
512 × 512 pixels, back-thinned FFT-CCD
|
Hamamatsu Corporation
|
LH5496HU-80 LH5496U-80 LH5496HD-20 LH5496-20 LH549 |
CMOS 512 X 9 FIFO 512 × 9的CMOS先进先出
|
Sharp, Corp. Sharp Corporation SHARP[Sharp Electrionic Components]
|
AM27S31ADC AM27S31JC AM27S31ALC |
512 X 8 OTPROM, 35 ns, CDIP24 512 X 8 OTPROM, 55 ns, PQCC28 512 X 8 OTPROM, 35 ns, CQCC32
|
ADVANCED MICRO DEVICES INC
|
INF8594E |
512 x 8 EEPROM
|
IK Semiconductor
|
CAV25512 CAV25512YE-GT3 |
512-Kb SPI Serial CMOS EEPROM
|
ON Semiconductor
|
28C04A 11126G |
4K (512 x 8) CMOS EEPROM From old datasheet system
|
Microchip
|
|