PART |
Description |
Maker |
GDZT2R5.1 |
2-pin ultra mini-mold type for high-density mounting(GMD2)
|
Rohm
|
CINT1150 CINT1150A1206K01 CINT1150A2406K01 CINT115 |
The CINT1150 family is the latest offering in high density single output open-frame AC/DC power supplies.
|
SL Power Electronics
|
A-HDF44AA-WP A-HDF44AA-WP-R |
D-SUB, HIGH DENSITY, FEMALE, 44 PIN 90 垄陋 D-SUB, HIGH DENSITY, FEMALE, 44 PIN 90 ? D-SUB, HIGH DENSITY, FEMALE, 44 PIN 90 ?
|
Assmann Electronics Inc.
|
070907FS |
ULTRA THIN D-SUB STRAIGHT P.C.B MOUNT (HIGH DENSITY FEMALE TYPE)
|
SUYIN USA, INC.
|
CHD15HDSC |
15 PIN HIGH DENSITY D-SUB FIELD-TERMINATING 1/3 INSERT
|
PANDUIT CORP.
|
BAR64-02L BAR64-02V BAR64-04T BAR64 BAR64-04 BAR64 |
PIN Diodes - RF Switch (High isolation) in ultra-small SC79 Package PIN Diodes - Diode for RX/TX Switches PIN Diodes - PIN Diode for RF switches (high isolation) RESISTOR; THK FILM CHIP, 500/200/500PPM/C UP TO 10/1M/10M CR1206 120 OHM Silicon PIN Diode 硅PIN二极
|
Infineon Technologies A... INFINEON[Infineon Technologies AG]
|
SCFS12000 SCFS10000 SCFS2000 SCFS4000 SCFS6000 SCF |
1.5 A, 4000 V, SILICON, RECTIFIER DIODE FAST RECOVERY HIGH VOLTAGE RECTIFIER ASSEMBLY High Voltage,High Density Fast Recovery Rectifier(反向电压4000V,温55℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压6000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压12000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压2000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(反向电压10000V,温5℃时平均整流电流1.5A,高压,高密度,快速恢复整流器) High Voltage,High Density Fast Recovery Rectifier(????靛?12000V锛?俯搴?5???骞冲??存??垫?1.5A,楂??锛??瀵?害锛?揩???澶??娴??)
|
Semtech Corporation
|
CBRLDSH2-40 CBRLDSH2-40-15 |
SURFACE MOUNT HIGH DENSITY HIGH DENSITY SCHOTTKY BRIDGE RECTIFIER
|
Central Semiconductor C...
|
UDZSTE-175.1B |
Compact, 2-pin mini-mold type for high-density mounting. (UMD2)
|
Rohm
|
PS9117A-V-F3-A PS9117A PS9117A-A PS9117A-F3 PS9117 |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 5-PIN SOP (SO-5) HIGH-SPEED PHOTOCOUPLER
|
CEL[California Eastern Labs]
|
PS9814-1 PS9814-1-A PS9814-1-F3 PS9814-1-F3-A PS98 |
HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
|
California Eastern Labs
|
PS9817-1-V PS9817-2-V-F4 PS9817-1 PS9817-1-F3 PS98 |
NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
|
CEL[California Eastern Labs]
|