PART |
Description |
Maker |
0498900.TXN 04980900ZXT 04980903ZXT |
Bolt-down Fuseholders - Fuseholder for BF1 Style Bolt-down Fuse 螺栓式保险丝-为BF1式螺栓式保险丝保险丝
|
Littelfuse, Inc.
|
0294050.MXJ 0294030.MXJ 0294060.MXJ 0294080.MXJ 02 |
BOLT DOWN HIGH CURRENTCARTRIDGE FUSE
|
Littelfuse
|
16-000640 |
LOCKING BOLT for slide lock
|
CONEC Elektronische Bauelemente GmbH
|
99-3712-1 |
NOSE ASSEMBLY - 05 BLIND BOLT
|
Alcoa international inc.
|
99-3713 |
NOSE ASSEMBLY - 06 BLIND BOLT
|
Alcoa international inc.
|
CY3148 |
Cypress Cadence Bolt-in Kit From old datasheet system
|
Cypress
|
NAS1103 NAS1120 |
BOLT, HEX HEAD, CLOSE TOLERANCE, ALLOY STEEL SHORT THREAD
|
List of Unclassifed Man...
|
CAT28C65ANI-20 CAT28C65AKI-20 CAT28C65AJ-15 CAT28C |
128Kx8 EEPROM 2400 MHz to 2700 MHz; Package: PG:H-30256-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P1dB (typ): 45.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30248-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,500.0 - 2,700.0 MHz; P1dB (typ): 85.0 W; Supply Voltage: 28.0 V; 2400 MHz to 2700 MHz; Package: PG: H-30260-2; Flange Type: Bolt Down; Matching: I/O; Frequency Band: 2,620.0 - 2,680.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM 2400 MHz to 2700 MHz; Package: PG: H-31260-2; Flange Type: Earless; Matching: I/O; Frequency Band: 2,420.0 - 2,480.0 MHz; P<sub>1dB</sub> (typ): 130.0 W; Supply Voltage: 28.0 V; x8的EEPROM
|
NXP Semiconductors N.V. ZETTLER electronics GmbH
|
74ABT16260 74ABT16260DGG 74ABT16260DL 74ABTH16260 |
12-bit to 24-bit multiplexed D-type latches 3-State To 24 a little of 12 a littles many heavy hairs 讯 D- Type door bolt(3- state)
|
PHILIPS[Philips Semiconductors] NXP Semiconductors
|
CY37128VP84-154BAXC CY37384VP208-167BAXC CY37064VP |
5V, 3.3V, ISRTM High-Performance CPLDs 5V3.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 20 ns, PBGA256 5V, 3.3V, ISRTM High-Performance CPLDs FLASH PLD, 15 ns, PQFP160 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 15 ns, PBGA256 Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 108; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 54.2; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 104; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 203; Print width (mm): 56; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 168; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 80; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 72; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 216; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 72; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 54; Resistance tolerance (O): 800; Platen diameter (max.)(f): 14; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for POS Terminals; Resolutions (dpi): 300; Print width (mm): 81.3; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 18; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 203; Print width (mm): 104; Resistance tolerance (O): 650; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 300; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 108; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 203; Print width (mm): 54; Resistance tolerance (O): 800; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 150; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Gaming Equipment Amusements, ATMs; Resolutions (dpi): 300; Print width (mm): 219.5; Resistance tolerance (O): 1250; Platen diameter (max.)(f): 20; Print speed (mm/s): 50 to 100; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; Printheads for Ticket or Scale Printers; Resolutions (dpi): 300; Print width (mm): 108.4; Resistance tolerance (O): 1000; Platen diameter (max.)(f): 20; Print speed (mm/s): 100 to 250; Logic voltage (V): 3.13 to 5.25; Supply voltage (V): 24; SX Series Subminiature Basic Switch, Single Pole Double Throw (SPDT), 28 Vdc, 7 A, Pin Plunger Actuator, Solder Termination, Military Part Number M8805/109-01 BATT SEALED LEAD ACID 12V 20AH BATTERY SEALED LEAD ACID 12V 3AH BATT SEALED LEAD ACID 12V 28AH ADAPTOR NUT/BOLT TO 0.250 TERM 2 #18 PVC FS PVC Multiconductor Cable; Number of Conductors:4; Conductor Size AWG:26; No. Strands x Strand Size:40 x 30; Jacket Material:Polyethylene; Features:French Braid; Temperature Max:60 C; Voltage Nom.:300V; Shielding Coverage:0.95% RoHS Compliant: Yes OSCILLATORS 100PPM -40 85 3.3V 4 10.000MHZ TS HCMOS 2X2.5 4PAD SMD ; Capacitance:2.2pF; Capacitance Tolerance: /- 0.1 pF; Working Voltage, DC:500V; Package/Case:1210; Series:SQ; Dielectric Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:PCB Surface Mount MCF5282 LOW COST EVAL BO 91SS Series Hall-Effect Linear Position Sensor; Vdc supply voltage CONNECTOR ACCESSORY Paired Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:7 x 24; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester LED Lamp; LED Color:Red/Green; Luminous Intensity:20ucd; Forward Current:20mA; Forward Voltage:2.1V; Color:Red/Green RoHS Compliant: Yes N/ENV STR RLF B/S SZ 12 CAD OD CAP 560PF 50V 5% NP0(C0G) SMD-0603 TR-7-PA CAP 68PF 50V 5% NP0(C0G) SMD-0603 TR-7-PA Aluminum Electrolytic Radial Leaded General Purpose Capacitor; Capacitance: 33uF; Voltage: 16V; Case Size: 25x50 mm; Packaging: Bulk BK PRECISION DUAL OUTPUT ISOLATION TRANSFORMER, POWER REQUIREMENTS: 105-130 VAC, 60 HZ, OUTPUT POWER RATING: DIRECT: 500 VA CONTINUOUS, ISOLATED: 350 VA CONTINUOUS, 500 VA INTERMITTENT D52 - BACKSHELL NON-ENVIRON STRT MIL Multiple Conductor Wire; Number of Conductors:2; Conductor Size AWG:18; No. Strands x Strand Size:7 x 26; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:1; Leaded Process Compatible:Yes; Features:Aluminium Foil/Polyester 0-20V, 0-50A High Power Switching Power Supply w/GPIB ADAPTER 8-GANG FOR BK845-ND V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQFP44 5V, 3.3V, ISRTM High-Performance CPLDs V3.3V,ISRTM高性能的CPLD Displays V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 15 ns, PQFP208 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQCC84 5V, 3.3V, ISRTM High-Performance CPLDs V.3V,ISRTM高性能CPLD 5V, 3.3V, ISRTM High-Performance CPLDs 5V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 12 ns, PQCC44 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, PQCC84 5V, 3.3V, ISRTM High-Performance CPLDs EE PLD, 10 ns, CQFP160 TEST LEADS 5A V.3V,ISRTM高性能的CPLD THERMOCOUPLE PROBE-2945 V.3V,ISRTM高性能的CPLD 5V, 3.3V, ISRTM High-Performance CPLDs
|
http:// Cypress Semiconductor Corp. Cypress Semiconductor, Corp. TE Connectivity, Ltd.
|
|