PART |
Description |
Maker |
CSA968A CSA968 CSA968B CSA968BO CSA968BY CSA968AY |
25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238AO 25.000W Medium Power PNP Plastic Leaded Transistor. 180V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238AY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 120 - 240 hFE. Complementary CSC2238BY 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 140 hFE. Complementary CSC2238BO 25.000W Medium Power PNP Plastic Leaded Transistor. 200V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238B 25.000W Medium Power PNP Plastic Leaded Transistor. 160V Vceo, 1.500A Ic, 70 - 240 hFE. Complementary CSC2238 PNP PLASTIC POWER TRANSISTORS Single-Phase Filter; Filter Type:RFI; Current Rating:16A; Voltage Rating:250V; Capacitance:1uF; Inductance:0.6uH; Mounting Type:Flange; Series:FN2060; Terminal Type:Quick Connect RoHS Compliant: Yes
|
Continental Device India Limited
|
2SA0886 2SA886 |
Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary) 1.5 A, 40 V, PNP, Si, POWER TRANSISTOR, TO-126
|
Panasonic Corporation Panasonic, Corp.
|
DRA4124T |
Silicon PNP epitaxial planar type - For digital circuits - Complementary to DRC4124T
|
Panasonic
|
DRA4152Z |
Silicon PNP epitaxial planar type - For digital circuits - Complementary to DRC4152Z
|
Panasonic
|
DRA5143E |
Silicon PNP epitaxial planar type For digital circuits Complementary to DRC5143E
|
Panasonic Semiconductor
|
2SA886 2SA0886 |
Power Device - Power Transistors - Others Silicon PNP epitaxial planar type (For low-frequency power amplification Complementary)
|
PANASONIC[Panasonic Semiconductor]
|
HN1B04FU HN1B04FUGR |
TRANSISTOR | BJT | PAIR | COMPLEMENTARY | 50V V(BR)CEO | 150MA I(C) | TSOP Transistor Silicon NPN Epitaxial Type (PCT Process) Silicon PNP Epitaxial Type (PCT Process) Audio Frequency General Purpose Amplifier Applications
|
TOSHIBA
|
FMB1020 |
NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package 500 mA, 45 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR NPN & PNP Complementary Dual Transistor SuperSOT-6 Surface Mount Package
|
Delta Electronics, Inc. FAIRCHILD[Fairchild Semiconductor]
|
MJL3281A MJL1302A |
Complementary NPN-PNP Silicon Power Bipolar Transistor Power 15A 200V PNP
|
ON Semiconductor
|
MJL0281A MJL0281AG MJL0302A MJL0302AG JL0281AG |
Complementary Power Transistors Complementary NPN-PNP Power Bipolar Transistors
|
ON Semiconductor
|
CFB1063 CFB1063P CFD1499Q |
2.000W Power PNP Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 60 - 200 hFE. Complementary CFD1499 2.000W Power PNP Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 100 - 200 hFE. Complementary CFD1499P 2.000W Power NPN Plastic Leaded Transistor. 100V Vceo, 5.000A Ic, 60 - 120 hFE. Complementary CFB1063Q
|
Continental Device India Limited
|