PART |
Description |
Maker |
27CX010LI-45 27CX010LI-70 27CX010W-55 27CX010L-55 |
±15V Chopper Stabilized Op Amps Single/Dual/Quad, 1.8V/10µA, SOT23, Beyond-the-Rails Op Amps 330MHz Buffered Video Switches Crosspoint Building Blocks x8存储 x8 EPROM x8存储
|
Vishay Intertechnology, Inc.
|
5962-9325901MPX |
Single/Dual/Quad, 1.8V/10µA, SOT23, Beyond-the-Rails Op Amps Single/Dual/Quad, 1.8V/10µA, SOT23, Beyond-the-Rails Op Amps
|
|
MAX918 MAX920ESA MAX919ESA MAX919EUK-T MAX917 MAX9 |
SOT23 1.8V Nanopower Beyond-the-Rails Comparators With/Without Reference "SOT23, 1.8V, 380nA Comparator with Push-Pull Output" " SOT23, 1.8V, 750nA Comparator with Internal 1.245V 1.5% Voltage Reference and Open-Drain Output" SOT23, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference SOT23 / 1.8V / Nanopower / Beyond-the-Rails Comparators With/Without Reference
|
MAXIM - Dallas Semiconductor MAXIM[Maxim Integrated Products] Maxim Integrated Products, Inc.
|
5962-8757203IA 5962-8757203BA 5962-8757201DA |
Analog Comparator Single/Dual, Very Fast TTL Latched Output Comparators Single/Dual/Quad, Ultra-High-Speed, 3V/ 5V, Beyond-the-Rails Comparators
|
|
AD5280BRU200 AD5282BRU200 AD5280 AD5282 AD5280BRU2 |
32-Tap. Nonvolatile. Linear-Taper Digital Potentiometers in SOT23 200K DIGITAL POTENTIOMETER, 2-WIRE SERIAL CONTROL INTERFACE, 256 POSITIONS, PDSO14 15V, I2C Compatible Digital Potentiometers 15V Operation Digital Potentiometers 15V I2C Compatible Digital Potentiometers 15V/ I2C Compatible Digital Potentiometers From old datasheet system
|
Analog Devices, Inc. AD[Analog Devices]
|
210-99-648-41-001 210-91-306-41-001 210-91-308-41- |
PWR SUP 250W 3.3/5/12/-12V QUAD 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/15V SGL 双列直插式插座封闭框架焊 Dual-in-line sockets Closed frame Solder tail 双列直插式插座封闭框架焊 CONVERTER DC-DC 20W 12V/5V DUAL CONVERTER DC-DC 20W 12V/12V SGL CONVERTER DC-DC 20W 24V/15V DUAL Dual-in-linesocketsClosedframeSoldertail
|
PRECI-DIP SA Precid-DipDurtalSA PREDIP[Precid-Dip Durtal SA]
|
SL74HC125D HC125 SL74HC125 SL74HC125N |
Bipolar Transistor; Power Dissipation, Pd:0.15W; DC Current Gain Min (hfe):40; C-E Breakdown Voltage:15V; Power (Ptot):150mW; Transistor Polarity Quad 3-State Noninverting Buffers
|
System Logic Semiconductor Co., Ltd. SLS[System Logic Semiconductor]
|
MAX14759 MAX14763 MAX14761 |
Above- and Below-the-Rails Low On-Resistance Analog Switches
|
Maxim Integrated Products Maxim Integrated Produc...
|
MAX9027 MAX9028 MAX9028EBT-T |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Produc... MAXIM - Dallas Semiconductor
|
MAX9028EBTT |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Produc...
|
MAX9117EXK |
SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
MAXIM INTEGRATED PRODUCTS INC
|
MAX9027EBT-T MAXIMINTEGRATEDPRODUCTSINC.-MAX9028 |
UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
|
Maxim Integrated Products, Inc.
|