PART |
Description |
Maker |
IDT72T40108L6-7BB IDT72T40118L6-7BB IDT72T40118L6- |
64K x 40 TeraSync DDR FIFO, 2.5V 128K x 40 TeraSync DDR FIFO, 2.5V 2.5 VOLT HIGH-SPEED TeraSync?? DDR/SDR FIFO 40-BIT CONFIGURATION 16K x 40 TeraSync DDR FIFO, 2.5V 32K x 40 TeraSync DDR FIFO, 2.5V
|
IDT
|
IDT72T20108L6-7BB IDT72T20118L6-7BB IDT72T20128L6- |
64K x 20/128K x 10 TeraSync DDR FIFO, 2.5V 128K x 20 / 256K x 10 TeraSync DDR FIFO, 2.5V 256K x 20/512K x 10 TeraSync DDR FIFO, 2.5V 32K x 20 / 64K x 10 TeraSync DDR FIFO, 2.5V
|
IDT
|
IDT72T40118L6.7BB IDT72T40108L6.7BBI 72T4098L4BB |
128K X 40 OTHER FIFO, 3.8 ns, PBGA208 64K X 40 OTHER FIFO, 3.8 ns, PBGA208 32K X 40 OTHER FIFO, 3.2 ns, PBGA208
|
INTEGRATED DEVICE TECHNOLOGY INC
|
72V295L15PFI |
128K X 18 OTHER FIFO, 10 ns, PQFP64
|
INTEGRATED DEVICE TECHNOLOGY INC
|
IDT72V295 IDT72V2105 IDT72V2105L10PF IDT72V2105L15 |
128K x 18 SuperSync FIFO, 3.3V 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO 131,072 x 18 262,144 x 18 3.3 VOLT HIGH DENSITY CMOS SUPERSYNC FIFO?
|
IDT[Integrated Device Technology]
|
IDT7203L20J IDT7203L20JB IDT7204L20J IDT7204L20JB |
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 CMOS ASYNCHRONOUS FIFO 2048 x 9 4096 x 9 8192 x 9 and 16384 x 9 RES,SMD,100,1%,0.063W,0603 High-speed double diode - Cd max.: 1.5 pF; Configuration: dual c.c. ; IF max: 215 mA; IFSM max: 4 A; IR max: 500@VR=80V nA; IFRM: 500 mA; trr max: 4 ns; VFmax: 1@IF=50mA mV; VR max: 80 V Schottky barrier diode - Cd max.: 100@VR=4V pF; Configuration: single ; IF: 1 A; IFSM max: 25 A; IR max: 1@VR=25V mA; VFmax: 450@IF=1A mV; VR: 25 V CMOS ASYNCHRONOUS FIFO 2048 x 9/ 4096 x 9/ 8192 x 9 and 16384 x 9 Trenchmos (tm) logic level FET - Configuration: Single N-channel ; I<sub>D</sub> DC: 0.34 A; R<sub>DS(on)</sub>: 3900@10V5300@4.5V mOhm; V<sub>DS</sub>max: 60 V 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 INSERT, COAX FEMALE STRAIGHTINSERT, COAX FEMALE STRAIGHT; Impedance:50R; Coaxial cable type:RG174AU/RG188AU/RG316AU 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 30 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 异步FIFO的CMOS 2048 × 9096 × 9192 × 96384 × 9 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 16K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 8K X 9 OTHER FIFO, 50 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 20 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 50 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 4K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 65 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CQCC32 CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9 2K X 9 OTHER FIFO, 80 ns, CDIP28
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc. Air Cost Control INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Techn...
|
CY7C408A-35VC CY7C408A-35PC CY7C408A-25PC CY7C409A |
64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO 64 X 9 OTHER FIFO, 23 ns, PDSO28 64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO 64 X 9 OTHER FIFO, 23 ns, CDIP28 64 x 8 Cascadable FIFO 64 x 9 Cascadable FIFO 64 X 9 OTHER FIFO, 23 ns, CQCC28
|
Cypress Semiconductor, Corp. Cypress Semiconductor Corp. CYPRESS[Cypress Semiconductor]
|
IDT7207L30SOG IDT7207L25SOG IDT7207L40SOG IDT7207L |
CMOS ASYNCHRONOUS FIFO 16K X 9 OTHER FIFO, 50 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 32K X 9 OTHER FIFO, 20 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 异步FIFO的CMOS CMOS ASYNCHRONOUS FIFO 2K X 9 OTHER FIFO, 15 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 16K X 9 OTHER FIFO, 25 ns, CDIP28 CMOS ASYNCHRONOUS FIFO 64K X 9 OTHER FIFO, 25 ns, PDIP28 CMOS ASYNCHRONOUS FIFO 64K X 9 OTHER FIFO, 25 ns, PQCC32 CMOS ASYNCHRONOUS FIFO 64K X 9 OTHER FIFO, 20 ns, PDIP28
|
Integrated Device Technology, Inc.
|
IS61LF12832-8.5TQI IS61LF12832-7.5TQI IS61LF12832- |
128K x 32, 128K x 36 synchronous flow-through static RAM 128K X 32 CACHE SRAM, 8.5 ns, PQFP100
|
INTEGRATED SILICON SOLUTION INC
|
IDT72401 IDT72401L10D IDT72401L10DB IDT72401L10P I |
Current-Mode PWM Controller 8-PDIP 0 to 70 High-Performance Current-Mode PWM Controller 8-SOIC 0 to 70 PT 39C 2#16 37#20 PIN RECP 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 55 ns, CDIP18 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT CMOS并行FIFO4 × 4位和64 × 5 CMOS PARALLEL FIFO 64 x 4-BIT AND 64 x 5-BIT 64 X 5 OTHER FIFO, 19 ns, PDIP18
|
Integrated Device Technolog... IDT[Integrated Device Technology] Integrated Device Technology, Inc. INTEGRATED DEVICE TECHNOLOGY INC
|
IDT72V271LA IDT72V271LA10PF IDT72V271LA10PFI IDT72 |
3.3 VOLT CMOS SuperSync FIFO 16K X 9 OTHER FIFO, 12 ns, PQFP64 32K x 9 SuperSync FIFO, 3.3V 16K x 9 SuperSync FIFO, 3.3V
|
INTEGRATED DEVICE TECHNOLOGY INC Integrated Device Technology, Inc. IDT
|
|