PART |
Description |
Maker |
TX2-5V TX2-12V TX2-3V TX2-L-1.5V TX2-48V TX2-L2-H- |
2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE 2阿继电器容量高浪涌电 RELAY, SOLID STATE 40A 240VAC FILM/M CAPACITANCE=0.1 VOLT=63 2 A CAPACITY RELAY WITH HIGH SURGE VOLTAGE & HIGH BREAKDOWN VOLTAGE
|
Nais(Matsushita Electric Wo... Panasonic, Corp. YEONHO Electronics Co., Ltd. NAIS[Nais(Matsushita Electric Works)] http://
|
G9YAK-12S-45-CD G9YAT-12S-45-CD G9YA-12S-45-CD G9Y |
High-frequency, High-capacity Coaxial Switch Supporting Bandwidths to 26.5 GHz
|
Omron Electronics LLC
|
JTN1AS-PA-F-DC6V JTN1S-PA-F-DC6V JTN1AS-TMP-F-DC6V |
High Capacity Power Relay (Sealed PCB) POWER/SIGNAL RELAY, SPST, MOMENTARY, 0.133A (COIL), 6VDC (COIL), 800mW (COIL), THROUGH HOLE-STRAIGHT MOUNT High Capacity Power Relay (Sealed PCB) POWER/SIGNAL RELAY, SPDT, MOMENTARY, 0.133A (COIL), 6VDC (COIL), 800mW (COIL), THROUGH HOLE-STRAIGHT MOUNT High Capacity Power Relay (Sealed TMP)
|
Panasonic, Corp. PANASONIC CORP
|
JTV1AS-PA-12V |
High Capacity Power Relay
|
Panasonic Electric
|
TK70 TK70D1A3B2T2 |
High Capacity Toggle Switches up to 20A
|
GREATECS
|
S303 S49 S425 S335 S308 S331 S305 S302 S333 S429 S |
Medium/High Capacity Standard Size Toggles
|
Nihon Kaiheiki Industry... Nihon Kaiheiki Industry Co. Ltd.
|
UMK250 3404.2467.11 3404.2464.11 |
High breaking capacity of up to 200 A @ 250 VAC
|
Schurter Inc.
|
0650R0800-12 0650R0800-13 0650R0800-16 0650R0630-1 |
QUICK-ACTING FUSE SERIES(HIGH-BREAKING CAPACITY)
|
Bel Fuse Inc.
|
2SC4134 |
High breakdown voltage and large current capacity. Fast switching speed.
|
TY Semiconductor Co., Ltd
|
R120D-2ES |
The high-capacity rack server NEC Express5800/R120d-2E(Storage-Rich)
|
NEC
|
AQZ264 |
High capacity up to 6A in a slim SIL package High capacity up to 6A in a slim SIL package
|
Panasonic Semiconductor
|