PART |
Description |
Maker |
TP82C54 |
3 TIMER(S), PROGRAMMABLE TIMER, PDIP24 DIP-24
|
Intel, Corp.
|
ICM7555CBAZ-T |
General Purpose Timers SQUARE, 1 MHz, TIMER, PDSO8
|
Intersil, Corp.
|
TS3V555 TS3V555I 4075 TS3V555ID |
Analog Timer Circuit 模拟定时器电 From old datasheet system 3V LOW POWER SINGLE TIMERS
|
STMicroelectronics N.V. STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
MSM82C59A-2 MSM82C59A-2JS |
PROGRAMMABLE INTERRUPT CONTROLLER 可编程中断控制器 Programmable Universal Timers(可编程中断控制器,单片8中断控制,可级联成64中断控制)
|
OKI SEMICONDUCTOR CO., LTD.
|
STR750FV0 STR750FV0T6 STR750FV1 STR750FV1T6 STR750 |
ARM7TDMI-S垄芒 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?/a> 32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN ARM7TDMI-S?32-bit MCU with Flash, SMI, 3 std 16-bit timers, PWM timer, fast 10-bit ADC, I2C, UART, SSP, USB and CAN
|
STMicroelectronics
|
CD4541L-S14-R CD4541L-S14-T CD4541L-D14-T CD4541G- |
PROGRAMMABLE TIMER
|
Unisonic Technologies
|
IW4541B |
Programmable Timer
|
IK Semiconductor
|
CD4541-D14-T |
PROGRAMMABLE TIMER
|
Unisonic Technologies
|
TMP82C53P-2 TMP82C53 |
PROGRAMMABLE INTERVAL TIMER
|
TOSHIBA[Toshiba Semiconductor]
|
HT13R90 |
40-Bit Programmable Timer
|
Holtek Semiconductor Inc
|
8254 |
PROGRAMMABLE INTERVAL TIMER
|
Intel Corp. Intel Corporation
|
|