PART |
Description |
Maker |
MPSA42 MPSA43 |
500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TRANSISTOR 500 mA, 200 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92, PLASTIC PACKAGE-3, BIP General Purpose Small Signal
|
VISHAY SEMICONDUCTORS
|
MPS6717RLRA MPS6717_D ON2331 MPS6717 |
One Watt Amplifier Transistor(NPN Silicon) 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 One Watt Amplifier Transistor 500 mA, 80 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-226AE CASE 29?4, STYLE 1 TO?2 (TO?26AA) From old datasheet system
|
ON Semiconductor Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
MSD1328-ST1 MSD1328-ST1G MSD1328-RT1G MSD1328-RT10 |
NPN Low Voltage Output Amplifiers General Purpose NPN Transistor Small Signal Plastic NPN; Package: SC-59 3 LEAD; No of Pins: 3; Container: Tape and Reel; Qty per Container: 3000 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Rectron Semiconductor
|
SS9013 |
NPN epitaxial silicon transisitor 500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
2N3859A |
NPN General Purpose Amplifier 500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
BSS73CSM BSS73CSM-QR-B |
Bipolar NPN Device in a Hermetically sealed LCC1 500 mA, 300 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Seme LAB SEMELAB LTD
|
2N4938 2N6502 MD2369 MD2369A MD2369B MD7003 MD7003 |
Leaded Small Signal Transistor Dual HSD 8 ROW 10 COL OPEN END BP ASSY Dual Transistors 30 mA, 40 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 500 mA, 30 V, 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 2 CHANNEL, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors 50 mA, 40 V, 2 CHANNEL, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-78 Dual Transistors NPN, Si, SMALL SIGNAL TRANSISTOR, TO-78
|
CENTRAL[Central Semiconductor Corp] Motorola, Inc Central Corp Central Semiconductor Corp. Central Semiconductor, Corp. Central Semiconductor C...
|
2SD2623GT |
500 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
PANASONIC CORP
|
KTN2369S |
500 mA, 15 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
|
BSY51 |
500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-39
|
|
MPSA05-5 |
500 mA, 60 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Motorola Mobility Holdings, Inc.
|
BC818-40 |
500 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ZETEX PLC
|
|