PART |
Description |
Maker |
AM28C256-200LC AM28C256-205DC AM28C256-250DC AM28C |
32K X 8 EEPROM 5V, 200 ns, CQCC32 32K X 8 EEPROM 5V, 200 ns, CDIP28 32K X 8 EEPROM 5V, 250 ns, CDIP28 32K X 8 EEPROM 5V, 250 ns, CQCC32 32K X 8 EEPROM 5V, 300 ns, CDIP28 32K X 8 EEPROM 5V, 300 ns, CQCC32
|
ADVANCED MICRO DEVICES INC
|
AT28C256-20UM/883 AT28C256F-20UM/883 AT28C256E-20U |
150NS, TSOP, IND TEMP, GREEN(EEPROM) 32K X 8 EEPROM 5V, 150 ns, PDSO28 256K (32K x 8) Paged Parallel EEPROM
|
聚兴科技股份有限公司 ATM Electronic, Corp. ATMEL Corporation
|
M27V256-200F1TR M27V256-200B1TR |
32K X 8 UVPROM, 200 ns, CDIP28 32K X 8 OTPROM, 200 ns, PDIP28
|
STMICROELECTRONICS
|
X28HC256D-12 X28HC256PZ-12 X28HC256PZ-15 X28HC256P |
256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 90 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-SOIC T&R 32K X 8 EEPROM 5V, 200 ns, PDSO28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 28-PDIP 32K X 8 EEPROM 5V, 90 ns, PDIP28 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: 0°C to 70°C; Package: 32-PLCC 32K X 8 EEPROM 5V, 90 ns, PQCC32 256K, 32K x 8 Bit; 5 Volt, Byte Alterable EEPROM; Temperature Range: -40°C to 85°C; Package: 32-PLCC T&R 32K X 8 EEPROM 5V, 90 ns, PQCC32 5V, Byte Alterable EEPROM
|
Intersil, Corp. Intersil Corporation
|
24LC32A_P 24LC32A 21144C 24LC32AI-P |
32K 2.5V I2C Serial EEPROM From old datasheet system 32K 2.5V I 2 C ? Serial EEPROM 32K2.5VI2CSerialEEPROM(252.39k)
|
Microchip Technology
|
24AA32_04 24AA32 24AA32-_P 24AA32T-_P 24AA32T-_SM |
32K 1.8V I2C⑩ Smart Serial⑩ EEPROM 32K 1.8V I2C Smart Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
CAT28LV256G-30TE13 CAT28LV256GI-25TE7 CAT28LV256H1 |
32K X 8 EEPROM 3V, 300 ns, PQCC32 PLASTIC, LCC-32 32K X 8 EEPROM 3V, 250 ns, PQCC32 PLASTIC, LCC-32 32K X 8 EEPROM 3V, 250 ns, PDSO28 8 X 13.40 MM, TSOP-28 32K X 8 EEPROM 3V, 300 ns, PDSO28
|
ON Semiconductor
|
24LC32T-_P 24LC32T-_SM 24LC32T-I_P 24LC32T-I_SM 24 |
4K X 8 I2C/2-WIRE SERIAL EEPROM, PDIP8 32K 2.5V I2C Smart Serial EEPROM 32K 2.5V I2C⑩ Smart Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
24LC32AX 24AA32A 24LC32AT-I_SM 24LC32AT-I_SMG 24LC |
The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I<SUP>2</SUP>C compatible 2-wire serial ... The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial interface bus. The 24AA32A features a page-write capability of up to 32 bytes of data and is capable of both r 32K I2C Serial EEPROM The 24AA32A is a 4K x 8 (32K bit) Serial Electrically Erasable PROM memory with an I2C compatible 2-wire serial ... 32KIC Serial EEPROM 32K 1.8V I2C Serial EEPROM
|
MICROCHIP[Microchip Technology]
|
CAT28C256NA-15T CAT28C256NA-12T CAT28C256NI-15T CA |
256K-Bit Parallel EEPROM 256 kb Parallel EEPROM 32K X 8 EEPROM 5V, 120 ns, PQCC32
|
http:// ON Semiconductor
|
X28HC256E-70T1 X28HC256EI-15T1 X28HC256E-12T1 X28H |
32K X 8 EEPROM 5V, 70 ns, CQCC32 CERAMIC, LCC-32 32K X 8 EEPROM 5V, 150 ns, CQCC32 CERAMIC, LCC-32 32K X 8 EEPROM 5V, 120 ns, CQCC32 CERAMIC, LCC-32 32K X 8 EEPROM 5V, 90 ns, CQCC32 CERAMIC, LCC-32
|
Ricoh Co., Ltd. Intersil, Corp.
|
LE24C322M |
Two Wire Serial Interface EEPROM (32k EEPROM)
|
Sanyo Semicon Device
|
|