Part Number Hot Search : 
MM74C906 1N4793A 13N20 05211 PSD400 MAX4667 3S0765RF M3900622
Product Description
Full Text Search

3224J-FW5-XXXX - (3224 Series) 4mm SMD Trimming Potentiometer

3224J-FW5-XXXX_7672796.PDF Datasheet


 Full text search : (3224 Series) 4mm SMD Trimming Potentiometer


 Related Part Number
PART Description Maker
44WR2MTB 44WR2MEGLFT7 44GR2KLFT13 44GR20KLFT13 44G 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 2000000 ohm
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 2000 ohm
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 20000 ohm
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 200 ohm
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 200000 ohm
4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer RESISTOR, TRIMMER, CERMET, 9 TURN(S), 0.25 W, 500000 ohm
BI Technologies Corporation
BI Technologies, Corp.
44WR5KLFTB 44GR100KLFT13 44GR100KLFT7 44GR100KLFTB 4mm Square Multiturn Surface Mount Cermet Trimming Potentiometer
BITECH[Bi technologies]
3269W-1-103GLF 3269X-1-203 3269W-1-502 3269W-1-204 3269 - 1/4 ?Square SMD Trimpot? Trimming Potentiometer
Square SMD Trimpot Trimming Potentiometer Stable, infi nite resolution cermet element
Bourns Electronic Solutions
OSXX1608C1AVER.A.5 1.6x0.8x0.4mm smd
1..6 x 0..8 x 0..4mm SMD
OptoSupply Internationa...
3223W-1-200E 3223W-1-201E 3223W-1-202E 3223W-1-203 3 mm SMD Trimpot? Trimming Potentiometer
Bourns Electronic Solutions
3312J-1-202E 3312 - 2 mm SMD Trimpot Trimming Potentiometer
Bourns Electronic Solutions
3269W-1-502GLF 3269 - 1/4 Square SMD Trimpot? Trimming Potentiometer
Bourns Electronic Solutions
OSWT0603C1A OSOR0603C1A OSHR0603C1A OSYL0603C1A OS 1.6 x 0.8 x 0.4mm SMD
OptoSupply International
5065 5067 ADAPTERS, BETWEEN SERIES 2.4mm / 3.5mm, DC - 34 GHz
Aeroflex Circuit Techno...
Aeroflex Circuit Technology
ZUR85WA 3x 2.4mm SMD CHIP LED LAMP
SunLED Corporation
ZVG85WA 3x 2.4mm SMD CHIP LED LAMP
SunLED Corporation
 
 Related keyword From Full Text Search System
3224J-FW5-XXXX Instruments 3224J-FW5-XXXX video monitor 3224J-FW5-XXXX Pulse 3224J-FW5-XXXX price 3224J-FW5-XXXX package
3224J-FW5-XXXX intersil 3224J-FW5-XXXX Integrate 3224J-FW5-XXXX cmos 3224J-FW5-XXXX mos 3224J-FW5-XXXX surface
 

 

Price & Availability of 3224J-FW5-XXXX

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X
0.68846893310547