PART |
Description |
Maker |
BC546 BC547 BC548 BC546B BC547C |
100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Silicon Planar Epitaxial Transistors 100 mA, 65 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN 100 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Rectron Semiconductor RECTRON LTD
|
KSC1623LMTF KSC1623GMTFNL KSC1623O |
NPN Epitaxial Silicon Transistor; Package: SOT-23; No of Pins: 3; Container: Tape & Reel 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN Epitaxial Silicon Transistor 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR Low Frequency Amplifier & High Frequency OSC. 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Fairchild Semiconductor, Corp.
|
PDTC115E PDTC115EE PDTC115EEF PDTC115EK PDTC115EM |
NPN resistor-equipped transistors; R1 = 100 kohm, R2 = 100 kohm 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 100 kW, R2 = 100 kW
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
BC548ABU BC548ATA BC548TAR BC548TF BC548D81Z |
NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Ammo 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 NPN Epitaxial Silicon Transistor; Package: TO-92; No of Pins: 3; Container: Tape & Reel 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
DCX114EH DCX114TH DCX123JH DCX143EH-7 DCX124EH DCX |
COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL DUAL SURFACE MOUNT TRANSISTOR 100 mA, 50 V, 2 CHANNEL, NPN AND PNP, Si, SMALL SIGNAL TRANSISTOR GREEN, PLASTIC PACKAGE-6 Prebiased Transistors
|
Diodes Incorporated Diodes, Inc.
|
MPS6517 MPS3710 MPS6507 |
100 mA, 40 V, PNP, Si, SMALL SIGNAL TRANSISTOR, TO-92 PLASTIC PACKAGE-3 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92 TO-92, 3 PIN Si, NPN, RF SMALL SIGNAL TRANSISTOR, TO-92
|
Central Semiconductor, Corp. CENTRAL SEMICONDUCTOR CORP
|
DDTC114TKA DDTC114TKA-7 DDTC124TKA DDTC124TKA-7 DD |
NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes, Inc. DIODES[Diodes Incorporated]
|
DDTC114ECA DDTC114ECA-7 DDTC124ECA DDTC124ECA-7 DD |
STIPAX PROMO; RoHS Compliant: NA NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 50 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR npn型预偏置信号小的SOT - 23表面贴装晶体 NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR 100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Diodes Inc. Diodes, Inc. DIODES[Diodes Incorporated]
|
BC550C BC550C_RR BC549 BC549C BC550 |
TRANSISTORSOT-54
TRANSISTOR|BJT|NPN|45VV(BR)CEO|100MAI(C)|TO-92
NPN general purpose transistors 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
http:// PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
BC108PM1TC BC108PM1TA ZTX108STOB ZTX237M1TA ZTX237 |
200 mA, 20 V, NPN, Si, SMALL SIGNAL TRANSISTOR TO-92 STYLE, E-LINE PACKAGE-3 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR 200 mA, 45 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
Zetex Semiconductor PLC Diodes, Inc. ZETEX PLC
|
BC848CWT1 |
General Purpose Transistors NPN Silicon(硅NPN通用晶体 100 mA, 30 V, NPN, Si, SMALL SIGNAL TRANSISTOR
|
ON Semiconductor
|
MPS6521 |
NPN Low Level Amplifier; Package: TO-92; No of Pins: 3; Container: Bulk 100 mA, 25 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-92
|
Fairchild Semiconductor, Corp.
|
|