PART |
Description |
Maker |
3100-30V12999 3100Y30U12999 3100-30U12999 3100Y30U |
Definite Purpose Contactor 3-pole, 120 FLA AC Coil
|
http:// Tyco Electronics
|
AT24C02B-PU AT24C02BN-SH-T AT24C02BY6-YH-T AT24C02 |
DIE SALE, 1.8V, 11 MIL(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, UUC 8 TSSOP, PB/HALO FREE, NIPDAU, 1.8V(SERIAL EE) 256 X 8 I2C/2-WIRE SERIAL EEPROM, PDSO8 Two-wire Serial EEPROM
|
聚兴科技股份有限公司 Atmel, Corp. ATMEL Corporation
|
FM93C06E FM93C06 FM93C06V FM93C06L FM93C06LZ FM93C |
256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Microwire Serial EEPROM 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDSO8 From old datasheet system 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus)
|
Fairchild Semiconductor Corporation Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
LTC1595 LTC1595BCS LTC1596-1CCN LTC1596BIN LTC1596 |
Serial 16-Bit Multiplying DACs Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP8 Serial 16-Bit Multiplying DACs SERIAL INPUT LOADING, 1 us SETTLING TIME, 16-BIT DAC, PDIP16 8-Bit, 40 kSPS ADC Serial-Out, On-Chip 12-Ch. Analog Mux, 11 Ch. 20-PDIP From old datasheet system
|
Linear Technology, Corp. Linear Technology Corporation LINER[Linear Technology] http://
|
CAT34FC02GYITE13REVE CAT34FC02UITE13REVE CAT34FC02 |
2-kb I2C Serial EEPROM, Serial Presence Detect The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each
|
CATALYST[Catalyst Semiconductor]
|
M24512-WBN6 M24512-WBN6T M24512-WMW6T MM24512-WBN6 |
512 Kbit Serial I??Bus EEPROM 512 Kbit Serial IBus EEPROM 512千位串行I眷总线的EEPROM CAP 3300UF 50V ELECT SMG RAD 512 Kbit Serial I? Bus EEPROM 512 Kbit Serial IC Bus EEPROM 512 Kbit Serial I裁 Bus EEPROM 512 KBIT SERIAL I²C BUS EEPROM
|
STMicroelectronics N.V. 意法半导 STMICROELECTRONICS[STMicroelectronics] ST Microelectronics
|
AT25HP512W2-10SI-1.8 AT25HP512W2-10SI-2.7 AT25HP51 |
SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, PDSO16 SPI Serial EEPROMs 64K X 8 SPI BUS SERIAL EEPROM, DSO8 128-byte Page Mode Only for Write Operations
|
Atmel, Corp. ATMEL Corporation http://
|
NM93C06EM8 NM93C06EMT8 NM93C06EN NM93CS06EMT8 NM93 |
256-Bit Serial CMOS EEPROM (MICROWIRE?/a> Synchronous Bus) The CAT24FC02 is a 2-kb Serial CMOS EEPROM internally organized as 256 words of 8 bits each 16 X 16 MICROWIRE BUS SERIAL EEPROM, PDIP8 Card Edge Connector; No. of Contacts:40; Pitch Spacing:0.1" RoHS Compliant: Yes 256-Bit Serial CMOS EEPROM (MICROWIRE⑩ Synchronous Bus) 256-BIT SERIAL CMOS EEPROM (MICROWIRE⒙ SYNCHRONOUS BUS) 256-Bit Serial CMOS EEPROM (MICROWIRE Synchronous Bus) 256-Bit Serial CMOS EEPROM (MICROWIRE?Synchronous Bus)
|
Fairchild Semiconductor, Corp. EEPROM Fairchild Semiconductor Corporation FAIRCHILD[Fairchild Semiconductor]
|
X24C45 X24C45P X24C45PI X24C45PM X24C45S X24C45SI |
Serial AUTOSTORENOVRAM Serial AUTOSTORE NOVRAM Serial AUTOSTORE⑩ NOVRAM
|
XICOR[Xicor Inc.]
|
MAX531 MAX531ACPD MAX531ACSD MAX531AEPD MAX531AESD |
5V, Low-Power, Voltage-Output, Serial 12-Bit DACs SERIAL INPUT LOADING, 25 us SETTLING TIME, 12-BIT DAC, PDSO14 5V / Low-Power / Voltage-Output / Serial 12-Bit DACs OFFICE TRANSCEIVER CABLE VER 2 Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:17-99 RoHS Compliant: No 5V Low-Power Voltage-Output Serial 12-Bit DACs 5V, Low-Power, Voltage-Output,
Serial 12-Bit DACs From old datasheet system
|
Maxim Integrated Products, Inc. MAXIM - Dallas Semiconductor Maixm MAXIM[Maxim Integrated Products]
|