PART |
Description |
Maker |
ZD5226AS2 |
200mW SOD-323 Zener Voltage Regulators
|
Cystech Electonics Corp...
|
WPA5048S050 WPA5048S033 WPA5048S015 WPA50 WPA5048S |
DIODE ZENER SINGLE 200mW 19.7Vz 10mA-Izt 0.0251 0.05uA-Ir 15 SOD-323 3K/REEL DIODE ZENER SINGLE 500mW 19.7Vz 10mA-Izt 0.0251 0.05uA-Ir 15 SOD-123 3K/REEL DIODE ZENER SINGLE 200mW 22.1Vz 5mA-Izt 0.02514 0.05uA-Ir 17 SOD-323 3K/REEL DIODE ZENER SINGLE 200mW 17.9Vz 10mA-Izt 0.02545 0.05uA-Ir 14 SOD-323 3K/REEL DIODE ZENER SINGLE 500mW 22.1Vz 5mA-Izt 0.02514 0.05uA-Ir 17 SOD-123 3K/REEL DIODE ZENER SINGLE 500mW 21.2Vz 5mA-Izt 0.0253 0.05uA-Ir 17 SOD-123 3K/REEL DIODE ZENER SINGLE 500mW 19.1Vz 10mA-Izt 0.0251 0.05uA-Ir 15 SOD-123 3K/REEL 50 WATT SINGLE OUTPUT EIGHTH BRICK DC/DC CONVERTER
|
CANDD[C&D Technologies]
|
MMSZ5226BSW MMSZ5263BSW MMSZ5224BSW MMSZ5253BSW MM |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|
MM3Z18VCW MM3Z11VCW MM3Z15VCW MM3Z16VCW MM3Z27VCW |
200mW SOD-323 SURFACE MOUNT Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd
|
JR13WRR-4 JR13WCCR-4 JR13WRC-3SC JR13WRC-3S JR13WR |
TRANS PREBIASED DUAL COMP SOT363 TRANS PREBIASED PNP SOT323 DIODE ZENER SINGLE 200mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-323 3K/REEL DIODE SWITCHING SINGLE 75V 250mA-Io 400mW 4ns-trr SOD-123 3K/REEL High-performance water-proof circular connector JR-W connector 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 15.2Vz 10mA-Izt 0.02535 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 200mW 14Vz 10mA-Izt 0.02503 0.05uA-Ir 11 SOD-323 3K/REEL 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT-23 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 150MW SOT523 高性能防水圆形连接JR钨接 TRANS PREBIASED NPN 200MW SOT23 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 300mW 5.1Vz 5mA-Izt 0.0588 2uA-Ir 2 SOT-23 3K/REEL 高性能防水圆形连接JR钨接 DIODE ZENER SINGLE 500mW 16.1Vz 10mA-Izt 0.02547 0.05uA-Ir 12 SOD-123 3K/REEL 高性能防水圆形连接JR钨接 DIODE SWITCHING SINGLE 75V 250mA-Io 200mW 4ns-trr SOD-323 3K/REEL 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 1K/BULK 高性能防水圆形连接JR钨接 RECTIFIER STANDARD SINGLE 1A 600V 600 30A-ifsm 5uA-ir 1V-vf DO-41 5K/AMMO 高性能防水圆形连接JR钨接 HEATPAD TO-220 .006 K4 高性能防水圆形连接JR钨接
|
http:// HIROSE[Hirose Electric] Hirose Electric USA, INC. HIROSE ELECTRIC Co., Ltd.
|
SY10E137 SY10E137JC SY10E137JCTR SY100E137JCTR SY1 |
DIODE ZENER SINGLE 200mW 12.05Vz 5mA-Izt 0.0539 0.1uA-Ir 8 SOD-323 3K/REEL 10E SERIES, ASYN POSITIVE EDGE TRIGGERED 8-BIT UP BINARY COUNTER, PQCC28 DIODE ZENER SINGLE 150mW 12Vz 5mA-Izt 0.05 0.1uA-Ir 8 SOD-523 3K/REEL 8-BIT RIPPLE COUNTER
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor]
|
BT139X BT139X-500 BT139X-500F BT139X-500G BT139X-6 |
Triacs(??????纭? Transient Voltage Suppressor Diodes 双向可控 DIODE ZENER SINGLE 200mW 2.7Vz 20mA-Izt 0.05 75uA-Ir 1 SOD-323 3K/REEL 800 V, 16 A, TRIAC Triacs(双向可控 500 V, 16 A, TRIAC Triacs sensitive gate
|
NXP Semiconductors N.V. PHILIPS[Philips Semiconductors]
|
K4H560438D-NC/LA0 K4H560838D-NC/LA0 K4H560438D-NC/ |
256Mb sTSOPII 256Mb的sTSOPII DIODE ZENER SINGLE 300mW 10Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-23 3K/REEL DIODE ZENER SINGLE 200mW 9.1Vz 20mA-Izt 0.02592 0.1uA-Ir 7 SOD-323 3K/REEL DIODE ZENER TRIPLE ISOLATED 200mW 9.95Vz 20mA-Izt 0.02513 0.1uA-Ir 8 SOT-363 3K/REEL
|
Samsung Semiconductor Co., Ltd. SAMSUNG SEMICONDUCTOR CO. LTD.
|
MM3Z2V4T1-D |
Zener Voltage Regulators 200 mW SOD-323 Surface Mount
|
ON Semiconductor
|
MM3Z2V4ST1G MM3Z2V4ST3G MM3ZXXXST1 MM3ZXXXST1G MM3 |
Zener Voltage Regulators 200 mW SOD−323 Surface Mount Tight Tolerance Portfolio
|
ONSEMI[ON Semiconductor]
|
MM5Z3V0B MM5Z10VB MM5Z11VB MM5Z4V3B MM5Z4V7B MM5Z5 |
200mW SOD-523 SURFACE MOUNT Very Small Outline Flat Lead Plastic Package Zener Voltage Regulators
|
Tak Cheong Electronics (Holdings) Co.,Ltd Tak Cheong Electronics ...
|