PART |
Description |
Maker |
PC8260NBSP PC8260 |
The versatile PC8260 PowerQUICC II is particularly useful in communication and networking applicatio From old datasheet system
|
Atmel corp
|
SI-8501LE SI-8502LE SI-8503LE SI-8504LE SI-8505LE |
Separate Excitation Switching Regulator with Coil(12V带线圈分激开关稳压器) 1 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, DSS5 Separate Excitation Switching Regulator with Coil(3.3V带线圈分激开关稳压器) Separate Excitation Switching Regulator with Coil(5V带线圈分激开关稳压器) Switching Regulator IC with Coil
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd.
|
LM2574N-ADJG LM2574DW-ADJR2G |
0.5 A, Adjustable Output Voltage, Step−Down Switching Regulator 1.8 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PDSO16
|
Rectron Semiconductor
|
NTE1868 NTE1867 |
Quadruple Operational Amplifier 14-SO 0 to 70 Integrated Circuit Hybrid Switching Voltage Regulator SWITCHING REGULATOR, 25 kHz SWITCHING FREQ-MAX, PSFM5
|
NTE Electronics, Inc. NTE[NTE Electronics]
|
LT1424CN8-9PBF LT1424-9-15 |
Isolated Flyback Switching Regulator with 9V Output 1.9 A SWITCHING REGULATOR, 320 kHz SWITCHING FREQ-MAX, PDIP8
|
Linear Technology, Corp.
|
LT1370HVCRTRPBF |
Isolated Flyback Switching Regulator with 9V Output 10 A SWITCHING REGULATOR, 580 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
MM3010 MM3005C MM3005 MM3006 MM3009 MM3008 MM3005A |
0.3 A SWITCHING REGULATOR, 57.5 kHz SWITCHING FREQ-MAX, PDSO5 CMOS Switching Regulator (PWM controlled)
|
MITSUMI ELECTRIC CO LTD MITSUMI[Mitsumi Electronics, Corp.]
|
MIC2570 MIC2570-1B MIC2570-2B MIC2570-2BM MIC2570- |
Two-Cell Switching Regulator Preliminary Information 1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8
|
Micrel Semiconductor, Inc. Micrel Semiconductor,Inc. MICREL[Micrel Semiconductor] http://
|
LM2576D2T-3.3 LM2576T-ADJ LM2576D2TR4-5G LM2576D2T |
3.0 A, 15 V, Step−Down Switching Regulator 3.0 A, 15 V, Step?Down Switching Regulator 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PSSO5 3.0 A, 15 V, Step−Down Switching Regulator 7.5 A SWITCHING REGULATOR, 63 kHz SWITCHING FREQ-MAX, PZFM5 3.0 A, 15 V, Step-Down Switching Regulator(3.0A,15V,???????崇ǔ???)
|
Rectron Semiconductor http://
|
LT1959 LT1959C LT1959IRPBF |
4.5A/ 500kHz Step-Down Switching Regulator 4.5A, 500kHz Step-Down Switching Regulator; Package: DD PAK; No of Pins: 0; Temperature Range: -40°C to 85°C 8.5 A SWITCHING REGULATOR, 560 kHz SWITCHING FREQ-MAX, PSSO7
|
Linear Technology, Corp.
|
MIC2570-2YM MIC2570-1YM MIC2570-2BM MIC2570-2BMTAM |
1 A SWITCHING REGULATOR, 20 kHz SWITCHING FREQ-MAX, PDSO8 Two-Cell Switching Regulator
|
http:// MICREL INC MIC GROUP RECTIFIERS
|