PART |
Description |
Maker |
1.5KE13CA 1.5KE110CA 1.5KE11CA 1.5KE130CA 1.5KE160 |
1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 Watt mosorb zener transient voltage suppressors, 200V 1500 Watt mosorb zener transient voltage suppressors, 220V 1500 Watt mosorb zener transient voltage suppressors, 170V 1500 Watt mosorb zener transient voltage suppressors, 150V 1500 Watt mosorb zener transient voltage suppressors, 120V 1500 Watt mosorb zener transient voltage suppressors, 100V 1500 Watt Mosorb Zener Transient Voltage Suppressors 1500 W, BIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt mosorb zener transient voltage suppressors, 110V 1500 Watt mosorb zener transient voltage suppressors, 130V 1500 Watt mosorb zener transient voltage suppressors, 160V 1500 Watt mosorb zener transient voltage suppressors, 180V 1500 Watt mosorb zener transient voltage suppressors, 250V
|
http:// ONSEMI[ON Semiconductor]
|
1N6289ARL4G 1N6281ARL4G 1N6283ARL4G 1N6287ARL4G 1N |
1500 Watt Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ON Semiconductor
|
LV100-1500 |
Voltage Transducer LV 100-1500 电压互感器低00-1500
|
LEM[LEM]
|
LC75 LC40 LC160 LC30 LC33 LC54 LC6.508 LC16 LC150 |
1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA Low Capacitance TVS; Package: DO-13; Ppp (W): 1500; Vwm (V): 20; VC (V): 35.8; ID ( uA): 5; Tol (%): 10; 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
|
MICROSEMI CORP-SCOTTSDALE Microsemi Corporation
|
ICTE-10G ICTE-10RL4 ICTE-10RL4G ICTE-12G ICTE-12RL |
1500 Watt Peak Power Mosorb TM Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
ONSEMI[ON Semiconductor]
|
LC110 LC90A LC10 LC100 LC100A LC10A LC11 LC110A LC |
From old datasheet system 1500 WATT LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE, DO-202AA
|
http:// MICROSEMI[Microsemi Corporation] Microsemi, Corp.
|
SEN-R-1034-035 SEN-R-1034-034 SEN-R-1034-015 SEN-R |
TRANSIENT VOLTAGE SUPPRESSOR 1500 WATT SERIES GLASS PASSIVATED DIE PLUS DUAL HEAT STRIPS 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE
|
Sensitron Semiconductor
|
SSM5G09TU |
1500 mA, 12 V, P-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
|
1SMC16AT3 1SMC6.0AT3 1SMC8.0AT3 1SMC8.5AT3 1SMC9.0 |
1500 Watt Peak Power Zener Transient Voltage Suppressors 1500 W, UNIDIRECTIONAL, SILICON, TVS DIODE 1500 Watt Peak Power Zener Transient Voltage Suppressors 峰值功500瓦齐纳瞬态电压抑制器 1500W Zener 1500 Watt Peak Power Zener Transient Voltage Suppressors Unidirectional*
|
ONSEMI[ON Semiconductor]
|
1N60 1N6072A 1N6036 1N6036A 1N6037 1N6037A 1N6038 |
1500 W, BIDIRECTIONAL, SILICON, TVS DIODE, DO-13 Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors SMSTB 2,5/22-G-5,08 MSTBA 2,5/ 4-G-LA SMSTBA 2,5/18-G SMSTBA 2,5/ 3-G MSTBA 2,5/12-G-LA MSTBA 2,5/16-G-LA
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|