PART |
Description |
Maker |
CM75TU-34KA |
Six IGBTMOD 75 Amperes/1700 Volts 75 A, 1700 V, N-CHANNEL IGBT
|
Powerex, Inc. POWEREX[Powerex Power Semiconductors]
|
FF450R17ME4 |
600 A, 1700 V, N-CHANNEL IGBT
|
INFINEON TECHNOLOGIES AG
|
3296-1700 |
KR Electronics part number 3296-1700 is a 1700 MHz highpass filter
|
KR Electronics, Inc.
|
ZXM61N02F |
1700 mA, 20 V, N-CHANNEL, Si, SMALL SIGNAL, MOSFET
|
DIODES INC
|
IXGR32N170H1 |
38 A, 1700 V, N-CHANNEL IGBT, TO-247AD PLASTIC, ISOPLUS247, 3 PIN
|
IXYS, Corp.
|
ADL5367 ADL5367-EVALZ ADL5367ACPZ-R7 |
500 MHz to 1700 MHz Balanced Mixer, LO Buffer and RF Balun; Package: LFCSP: Leadform Chip Scale; No of Pins: 20; Temperature Range: Ind 500 MHz - 1700 MHz RF/MICROWAVE DOUBLE BALANCED MIXER, 8.5 dB CONVERSION LOSS-MAX
|
Analog Devices, Inc. http://
|
CM100DU-34KA09 |
IGBT MODULES HIGH POWER SWITCHING USE 100 A, 1700 V, N-CHANNEL IGBT
|
Mitsubishi Electric Semiconductor
|
FFPF05U170S |
5 A, 1700 V, SILICON, RECTIFIER DIODE
|
FAIRCHILD SEMICONDUCTOR CORP
|
IDT70V09 IDT70V09L IDT70V09L15PF IDT70V09L15PFI ID |
128K x 8 3.3V Dual-Port RAM HIGH-SPEED 3.3V 128K x 8 DUAL-PORT STATIC RAM From old datasheet system Twisted Pair Flat Cable, 1700/34 28 AWG, .050 (1.27) 高.3 128K的8双端口静态RAM Twisted Pair Flat Cable, 1700/36 28 AWG, .050 (1.27) 128K X 8 DUAL-PORT SRAM, 20 ns, PQFP100
|
IDT[Integrated Device Technology] Integrated Device Technology, Inc.
|
HP1002SMD |
1700 - 2000 MHz Phase Shifter
|
HBH Microwave GmbH
|