PART |
Description |
Maker |
TA20401201DH TA20401203DH POWEREXINC-C430F TC20172 |
1884 A, SCR 4396 A, SCR 2198 A, SCR 471 A, SCR 549.5 A, SCR 78.5 A, 200 V, SCR 1570 A, SCR 196.25 A, SCR 1256 A, SCR 863.5 A, SCR 235.5 A, SCR 392.5 A, SCR 1413 A, SCR 125.6 A, 500 V, SCR 1177.5 A, SCR
|
POWEREX INC
|
TGF148-600B TGF148-1200B TGF148-800B TGF148-1000B |
63 A, 600 V, SCR, TO-65 63 A, 1200 V, SCR, TO-65 63 A, 800 V, SCR, TO-65 63 A, 1000 V, SCR, TO-65
|
ST Microelectronics
|
C781PT C781PM C781PS C781PN |
Phase Control SCR 2500 Amperes Average 1600-2100 Volts 4820 A, 1600 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
TW11N800FZ BSTC0326S6 BSTC0353S6 BSTD0313S6 |
800 V, 12 A, TRIAC, TO-220 25 A, 400 V, SCR 25 A, 800 V, SCR 25 A, 200 V, SCR
|
|
C232F C228F-255 C228F-256 C228F-252 C231U-242 C231 |
35 A, 50 V, SCR, TO-3 25 A, 25 V, SCR 25 A, 50 V, SCR, TO-3 35 A, 800 V, SCR, TO-48 35 A, 1200 V, SCR, TO-48
|
Semitronics, Corp. SEMITRONICS CORP
|
VSKH250-08PBF VSKL250-16 SKT250-04PBF SKT250-08PBF |
Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 1600 V, SCR, MAGN-A-PAK-5 Silicon Controlled Rectifier, 555 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 800 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 555 A, 1000 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-7 Silicon Controlled Rectifier, 377 A, 400 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 Silicon Controlled Rectifier, 377 A, 1200 V, SCR, ROHS COMPLIANT, MAGN-A-PAK-5 SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
|
Vishay Semiconductors Vishay Siliconix
|
IRKHF112-02CPN IRKLF180-08HPNPBF IRKLF180-08HJNPBF |
175.84 A, 200 V, SCR 282.6 A, 800 V, SCR 314 A, 800 V, SCR 314 A, 200 V, SCR
|
Amphenol, Corp.
|
CSD-4M CSD-4N |
SMD SCR 4.0 AMP SCR 600 THRU 800 VOLTS
|
CENTRAL[Central Semiconductor Corp]
|
T6101115 T6101118 T6100715 T6100718 T6100815 T6100 |
Phase Control SCR (125-175 Amperes Avg 100-1600 Volts) Phase Control SCR (125-175 Amperes 1600 Volts) 235 A, 1100 V, SCR
|
http:// POWEREX[Powerex Power Semiconductors] Powerex, Inc. Powerex Power Semiconductor...
|
N1863DZ12JOO N1863DZ12LOO N1863DH16 N1863DH24 |
7080 A, 1200 V, SCR 7080 A, 1600 V, SCR 7080 A, 2400 V, SCR
|
WESTCODE SEMICONDUCTORS LTD
|
CM431690 CM431290 |
Dual SCR POW-R-BLOK?Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK?/a> Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK⑩ Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOK Modules 90 Amperes/1200-1600 Volts Dual SCR POW-R-BLOKModules 90 Amperes/1200-1600 Volts 140 A, 1200 V, SCR
|
Powerex Power Semicondu... POWEREX[Powerex Power Semiconductors] Powerex, Inc.
|
|