PART |
Description |
Maker |
D51-B53-9004EAA D51-B51-9001GBA D55-B24-3058GDA |
PANEL MOUNT, BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, JACK CABLE TERMINATED, MALE, RF CONNECTOR, CRIMP, PLUG
|
ITT CANNON
|
PO72-LP-1.5C-1A PO51-P-1.5-1A PO72-LP-1.5C-A PO51- |
CABLE TERMINATED, MALE, RF CONNECTOR, CRIMP SOLDER, PLUG BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, PLUG BOARD TERMINATED, FEMALE, RF CONNECTOR, SOLDER, RECEPTACLE
|
HIROSE ELECTRIC Co., Ltd.
|
39-28-5261 |
CON-HDR 26 POS .1 CNTR DUAL ROW SH 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
TE Connectivity, Ltd.
|
GPC-59-AHS/290 |
BOARD TERMINATED, MALE, RF CONNECTOR, SOLDER
|
KOA, Corp.
|
70246-3402 70246-2602 70246-2002 70246-0802 70246- |
2.54mm CGrid Hdr Shrd /Slt .76AuLF 34Ckt 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER HEADER 26PIN(2X13) 2.54MM T/H 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 20Ckt RoHS Compliant: Yes 20 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 8Ckt 8 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 30Ckt 30 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 12Ckt 12 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .76AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CGrid Hdr Shrd W/Slt 0.5AuLF 40Ckt 40 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER Header; No. of Contacts:16; Pitch Spacing:2.54mm; No. of Rows:2; Series:C-Grid; Connector Body Material:Polyester; Mounting Type:PC Board; Terminal Type:Straight Pin RoHS Compliant: Yes 16 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER CON/ 34MP HRS SO T S00 34 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .38AuLF 44Ckt 44 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm 26ckt Hdr Shrd /Slt .38AuLF void1 26 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER 2.54mm CGrid Hdr Shrd /Slt .13AuLF 10Ckt 10 CONTACT(S), MALE, STRAIGHT TWO PART BOARD CONNECTOR, SOLDER
|
Molex, Inc. SIEMENS AG
|
07.SMBA.1C20.009 3307.SMBA.1M20001 3307.SMBA.1G200 |
BOARD TERMINATED, MALE, SMB CONNECTOR, SOLDER, PLUG
|
IMS CONNECTOR SYSTEMS GMBH
|
R223.434.000 |
BOARD TERMINATED, MALE, RF CONNECTOR, SURFACE MOUNT, RECEPTACLE
|
RADIALL S A
|
83-58DCP-2RFX 83-59DCP-RFX 83-58SCP-RFX |
CABLE TERMINATED, MALE, UHF CONNECTOR, CRIMP SOLDER, PLUG CABLE TERMINATED, MALE, RF STRAIGHT ADAPTER
|
Amphenol, Corp.
|
384208 |
Male Con.C/2 32 solder
|
ERNI Electronics
|
384209 |
Male Con.C/2 32 solder clip
|
ERNI Electronics
|
|