PART |
Description |
Maker |
WPCMV-2M3216-700L WPCML-2M2012-121L WPCMV-2M3216-4 |
2 FUNCTIONS, 16 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 10 V, 0.4 A, DATA LINE FILTER 2 FUNCTIONS, 16 V, 0.25 A, DATA LINE FILTER EIA STD PACKAGE SIZE 3216, 4 PIN
|
Ecliptek, Corp. Epson (China) Co., Ltd.
|
CM1690-04DE CM1690-08DE CM1690-06DE |
Praetorian L-C LCD and Camera EMI Filter Array with ESD Protection 6 FUNCTIONS, 0.03 A, DATA LINE FILTER LEAD FREE, UDFN-12 8 FUNCTIONS, 0.03 A, DATA LINE FILTER
|
ON Semiconductor
|
NFM61RH10T102T1 NFM61R30T472T1 FM61R00T330T1 FM61R |
CAP NFM61RH10T102T1 MURATA 1 1 FUNCTIONS, 100 V, 2 A, DATA LINE FILTER COIL, EMI FILTER 4700PF, 50V 2A 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd. MURATA MANUFACTURING CO LTD
|
PM1206CM-601-RC PM0805CM-121-RC |
Pwr Choke, Shielded 2 FUNCTIONS, 50 V, 0.26 A, DATA LINE FILTER Common Mode Chip Inductor 2 FUNCTIONS, 50 V, 0.4 A, DATA LINE FILTER
|
Bourns, Inc. BOURNS INC
|
NFE61PT101Z1H9L NFE61PT102E1H9L |
1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER EIA STD PACKAGE SIZE 2606 FILTER LC HIGH FREQ 1000PF 2606 1 FUNCTIONS, 50 V, 2 A, DATA LINE FILTER
|
Murata Manufacturing Co., Ltd.
|
CTHF2422 CTHF2422-103M1R2 CTHF2422-203M1R0 CTHF242 |
2 FUNCTIONS, 250 V, 2.5 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 2 A, DATA LINE FILTER 2 FUNCTIONS, 250 V, 0.4 A, DATA LINE FILTER Common Mode Chokes - Radial
|
Central Technologies
|
PACUSBD1YB5 PACUSBD1Y5R PACUSBD1YB5R PACUSB-D2YB5 |
1 FUNCTIONS, DATA LINE FILTER LEAD FREE, SC70-5 1 FUNCTIONS, DATA LINE FILTER SC70-5 USB Downstream Port Terminator
|
ON Semiconductor California Micro Devices Corp
|
MIL-PRF-28861/05-007TB MIL-PRF-28861/04-007TB MIL- |
1 FUNCTIONS, 3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.5 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 70 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 100 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 200 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 50 V, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.1 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 0.3 A, DATA LINE FILTER HERMETIC PACKAGE 1 FUNCTIONS, 1 A, DATA LINE FILTER
|
AVX, Corp. AVX CORP
|
XD06CJ0121KT5 XD07CF0471F XD07CJ0621KT3 XD07CJ0621 |
1 FUNCTIONS, 500 V, DATA LINE FILTER 1 FUNCTIONS, 200 V, DATA LINE FILTER
|
AVX CORP
|
IP4251CZ8-4 IP4252CZ8-4 IP4253CZ8-4 IP4254CZ8-4 IP |
Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT984-1 (HXSON12U), Reel Pack, SMD, 13" 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 6 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT985-1 (HXSON16U), Reel Pack, SMD, 13" 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 8 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC 61000-4-2, level 4, SOT983-1 (HXSON8U), Reel Pack, SMD, 13" 4 FUNCTIONS, 5.6 V, DATA LINE FILTER Integrated 4-, 6- and 8-channel passive filter network with ESD protection to IEC61000-4-2, level 4 4 FUNCTIONS, 5.6 V, DATA LINE FILTER
|
NXP Semiconductors N.V.
|
ZS2C2-272H ZS1A2-272H ZS1C2-272H ZS1B2-272H ZS2A2- |
1 FUNCTIONS, 50 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 100 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 50 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 200 V, 5 A, FEED THROUGH CAPACITOR 1 FUNCTIONS, 100 V, 5 A, DATA LINE FILTER 1 FUNCTIONS, 200 V, 5 A, DATA LINE FILTER
|
AVX, Corp.
|
VEMI255A-HS3-GS08 |
Data Line Filter, 2 FUNCTIONS, DATA LINE FILTER, SURFACE MOUNT
|
Vishay Semiconductors
|
|